Electronic Components Datasheet Search
  English  ▼

X  

AP3987CT Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3987CT Datasheet HTML 1Page - Diodes Incorporated AP3987CT Datasheet HTML 2Page - Diodes Incorporated AP3987CT Datasheet HTML 3Page - Diodes Incorporated AP3987CT Datasheet HTML 4Page - Diodes Incorporated AP3987CT Datasheet HTML 5Page - Diodes Incorporated AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
5 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Electrical Characteristics (@VCC=15V, TJ=+25°C, unless otherwise specified.) (Note 7)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Turn-On Voltage
—
11
13
15
V
VUVLO
Turn-Off Voltage
—
5.5
5.9
6.3
V
STANDBY CURRENT SECTION
IST
Turn-On Current
VCC=VTH_ST-1V before
Startup
0.01
0.2
0.6
μA
ICC_OPR
Operating Current
Static Current
400
550
700
ICC_NL
Standby Current
At No Load
5
17.5
30
FREQUENCY JITTER SECTION
ΔVCS/VCS
VCS Modulation
NL to Full Load
4.5
5
5.5
%
tMOD
VCS Modulation Period
366
488
610
s
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Voltage Reference
in Heavy Load
45% to 100% of Full
Load (Note 8)
540
600
660
mV
VCS_L
Peak Current Sense Voltage Reference
in Light Load
0% to 8% Full Load
(Note 8)
225
250
275
mV
RLINE
Built-In Line Compensation Resistance
@CP (Note 9)
108
120
132
Ω
tLEB
Leading Edge Blanking
—
300
550
800
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Threshold Voltage
Tested @75% of
Maximum IOUT
2.505
2.556
2.607
V
VCABLE(MAX)
Cable Compensation Voltage
—
—
0.35
—
V
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction Duty
Tested @VFB=2V
—
4/8
—
—
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-On
From the End of tONS
20
27
34
s
DYNAMIC SECTION
VTRIGGER
Trigger Voltage for Dynamic Function
—
40
62.5
85
mV
tDELAY
Delay Time for Dynamic Function
From the End of tONS
95
122
150
s
VUV_H
Under Voltage of FB Pin for VCS_H
—
2.34
2.39
2.44
V
POWER MOSFET SECTION
BVDSS
Drain-Source Breakdown Voltage
(Note 6)
@CP Test
650
—
—
V
RDS(ON)
On State Resistance
@CP Test
—
4
—
DRIVER SECTION
ISOURCE
Peak Driver Source Current
@CP Test
18
22
26
mA
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection at FB Pin
—
3.5
3.75
4
V
VCC(OVP)
Over Voltage Protection at VCC Pin
—
27
28.5
30
V
tONP(MAX)
Maximum Turn-On Time
—
14
18
22
s
VCS(MIN)
Minimum Peak Current Sense Voltage
at tONP(MAX)
—
135
150
165
mV
VEM(MAX)
Maximum EM Voltage for Transformer
Saturation Protection (Note 10)
(Note 7)
1.8
2
2.2
V
VFB(SCP)
Short Circuit Protection
VFB @ Hiccup
1.83
1.87
1.92
V
tSCP
Time under VFB(SCP)
—
32
51.5
71
ms
VOTP
External OTP Shutdown Threshold
—
0.49
0.52
0.55
V
VOTP_REC
External OTP Recovery Threshold
—
0.58
0.62
0.66
V
IOTP
External OTP Shutdown Current
—
94
102
110
µA
TOTP
Shutdown Temperature
—
+135
+145
+155
°C
THYS
Temperature Hysteresis
—
+37
+40
+43
°C
Notes:
6. The drain-source voltage is 80% of BVDSS in the aging condition.
7. These parameters are not 100% tested, guaranteed by design and characterization.
8. Peak current sense voltage reference without line compensation.
9. Line compensation voltage on CS reference.
10. EM is an internal pin which is connected to the source of power MOSFET inside.
AUX
LINE
1
FB
LINE
REF
_
CS
V
R
R
R
35
.
0
V
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com