Electronic Components Datasheet Search
  English  ▼

X  

AP3987CT Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated AP3987CT Datasheet HTML 10Page - Diodes Incorporated AP3987CT Datasheet HTML 11Page - Diodes Incorporated AP3987CT Datasheet HTML 12Page - Diodes Incorporated AP3987CT Datasheet HTML 13Page - Diodes Incorporated AP3987CT Datasheet HTML 14Page - Diodes Incorporated AP3987CT Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
12 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Operation Description (continued)
11.4 Internal Over Temperature Protection (Internal OTP)
If the IC junction temperature exceeds the threshold TOTP, the AP3987CT shuts down immediately and enters the hold mode. If the junction
temperature decreases by hysteresis temperature THYS, the AP3987CT can recover to normal operation. If not, the power system keeps the hold
mode.
11.5 External Over Temperature Protection (External OTP)
The AP3987CT provides external Over Temperature Protection (OTP) by connecting a Negative Temperature Coefficient (NTC) resistor from OTP
pin to GND. Internally, a current source IOTP is injected to the OTP pin, which generates a voltage proportional to the NTC resistance. At high
ambient temperature, the NTC resistance gets lower and results in the OTP pin voltage decreasing. If the OTP pin voltage drops below an
internally-set threshold VOTP, then the OTP is triggered, and the AP3987CT shuts down immediately and enters the fast auto recovery mode. The
power system will keep fast auto recovery mode until the ambient temperature decreases and OTP pin voltage increases over the voltage
VOTP_REC, which the AP3987CT can recover to normal operation.
If the OTP pin is not connected to the NTC resistor, the external OTP function will not work and the IC can still work normally with internal OTP.
Ordering Information
AP3987CT X - X
Packing
Package
13 : 13" Tape & Reel
S7 : SO-7
Product Name
Package
Temperature Range
Part Number
Marking ID
13
”Tape and Reel
Quantity
Part Number Suffix
SO-7
-40°C to +85°C
AP3987CTS7-13
AP3987CT
4000/Tape and Reel
-13
Marking Information
AP3987CT
(Top View)
YY WW X X
Logo
WW : Week : 01~52; 52
YY : Year : 18,19, 20 ~
X X : Assembly Code
represents 52 and 53 week
Marking ID
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com