Electronic Components Datasheet Search
  English  ▼

X  

AP3987CT Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated AP3987CT Datasheet HTML 10Page - Diodes Incorporated AP3987CT Datasheet HTML 11Page - Diodes Incorporated AP3987CT Datasheet HTML 12Page - Diodes Incorporated AP3987CT Datasheet HTML 13Page - Diodes Incorporated AP3987CT Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
10 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Operation Description (continued)
8.
Leading Edge Blanking
When the power switch is turned on, a turn-on spike will occur on the sense-resistor. To avoid false-termination of the switching pulse, a leading-
edge blanking (from power MOSFET on) is built in. During this blanking period, the current sense comparator is disabled and the gate
driver can’t
be switched off.
9.
Valley Turn-On
When the off time (tOFF) is lower than tVAL-ON, the AP3987CT power system can work with valley turn-on. It can reduce MOSFET switching on
power losses which is resulted from the equivalent output capacitance to achieve highest overall efficiency. At the same time, because of valley
turn-on the switching frequency has the random jitter feature, which will be benefit for conductive EMI performance. And valley turn-on can also
reduce the power switch turn-on spike current and then achieve the better radiative EMI performance.
10. Adjustable Line Compensation
Since there is a constant delay time from the CS pin voltage reaching the given VCS reference to the power switch turning off, the real primary
peak current value always has a gap with the ideal value. The gap value changes with different input line voltage, which is caused by different
current rising slope, and results in different system constant current value.
In order to eliminate the constant current deviation due to line voltage, the adjustable line compensation is introduced to the AP3987CT design.
The negative voltage of FB pin which is linear to the line voltage is added up to VCS reference by a certain proportion and creates an adjustable
compensation voltage to clear up the primary current gap, so that the excellent line regulation of output current will be achieved.
RFB1
RFB2
FB
PFM
VAUX
VSAMPLE
VCS
R1
R2
RM
Vx
RLC
Figure 5. Adjustable Line Compensation Circuit
LINE
FB
M
LC
LC
P
AUX
CS
V
R
R
R
R
N
N
R
R
R
V
1
2
1
1
………(14)
So, the AP3987CT can change the line compensation capability by adjusting the upper resistor at FB pin (RFB1). Higher resistance means lower
line compensation capability.
11. Protection
The AP3987CT has various built-in single point fault protection features: FB over voltage protection, VCC over voltage protection, output short
circuit protection, FB open circuit protection, transformer saturation protection and current sense resistor fault (short or open) protection, over
temperature protection. The fault conditions to trigger these protections are different and protection modes to enter are different after the
protections are triggered.
11.1 Protection Mode
The AP3987CT has three protection modes: auto-recovery, fast-recovery and hold. The operation principles are different.
When VCC over voltage protection, FB over voltage protection, output short circuit protection are activated, the AP3987CT enters the auto-
recovery mode. Once the AP3987CT enters the auto recovery mode, the device shuts down immediately and
doesn’t signal any pulse, the VCC
static current is decreased from operating current ICC_OPR to standby current ICC_NL. Until VCC voltage drops to VOPR(MIN), the AP3987CT will
enter the restart process, and VCC voltage changes between VTH(ST) and VOPR(MIN) until the fault condition is removed. The slope of VCC
voltage to discharge is very small, and the time to drop to VOPR(MIN) is very long. It can decrease the average power dissipation at a fault
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com