Electronic Components Datasheet Search
  English  ▼

X  

AP3987CT Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated AP3987CT Datasheet HTML 10Page - Diodes Incorporated AP3987CT Datasheet HTML 11Page - Diodes Incorporated AP3987CT Datasheet HTML 12Page - Diodes Incorporated AP3987CT Datasheet HTML 13Page - Diodes Incorporated AP3987CT Datasheet HTML 14Page - Diodes Incorporated AP3987CT Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
11 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Operation Description (continued)
When FB open circuit protection, transformer saturation protection and current sense resistor fault (short or open) protection are triggered the
device enters the fast recovery mode. The only difference with auto recovery is that the VCC discharge current is kept operating current ICC_OPR
and the system can fast restart.
When internal or external over temperature protection is activated, the device enters the hold mode. Once the hold mode is triggered, the
AP3987CT doesn
’t signal any pulse until the fault condition is removed, and VCC Voltage is hold not lower than LVCC voltage.
11.2 Short Circuit Protection (SCP)
The Short Circuit Protection (SCP) detection principle is similar to the normal output voltage feedback detection by sensing FB pin voltage. When
the detected FB pin voltage is below VFB(SCP) for a duration of about tSCP, the SCP is triggered. Then the AP3987CT enters hiccup mode that the
IC immediately shuts down and then restarts, so that the VCC voltage changes between VTH_ST and UVLO threshold until VFB(SCP) condition is
removed.
As to the normal system startup, the time duration of FB pin voltage below VFB(SCP) should be less than tSCP to avoid entering SCP mode. But for
the output short condition or the output voltage below a certain level, the SCP mode should happen.
Figure 6 is the AP3987CT normal start-up waveform that the voltage of FB pin is above VFB(SCP) during tSCP after VCC gets to the VTH_ST, which
doesn
’t enter the SCP mode. As shown in Figure 7, VOUT is short and the voltage of FB pin is lower than VFB(SCP) during tSCP, the AP3987CT
triggers the SCP and enters hiccup mode.
VTH_ST
VFB(SCP)
tSCP
VCC
VFB
VOUT
VOUT(SCP)
5V
Figure 6. Normal Start-up
VTH_ST
VOPR(MIN)
VFB(SCP)
tSCP
VCC
VFB
VOUT
0V
Figure 7. Short Circuit Protection (SCP) and Hiccup Mode
11.3 Transformer Saturation Protection via Primary Peak Current Limitation
When the transformer saturation happens, the voltage of EM pin (internal pin) will increase promptly and be over the reference voltage VEM(MAX). If
two consecutive pulses exceed the value, the device shuts down and enters into auto-recovery mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com