Electronic Components Datasheet Search
  English  ▼

X  

AP3987CT Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3987CT Datasheet HTML 5Page - Diodes Incorporated AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated AP3987CT Datasheet HTML 10Page - Diodes Incorporated AP3987CT Datasheet HTML 11Page - Diodes Incorporated AP3987CT Datasheet HTML 12Page - Diodes Incorporated AP3987CT Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
9 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Operation Description (continued)
6.
Operating Frequency
For primary-side regulation, the primary current ip(t) is sensed by a current sense resistor RCS (R4 as shown in Typical Applications). The current
rises up linearly at a rate of:
M
IN
L
)
t
(
V
dt
)
t
(
dip
(6)
As illustrated in Figure 2, when the current ip(t) rises up to IPK, the switch Q1 turns off. The constant peak current is given by:
CS
CS
PK
R
V
I
(7)
The energy stored in the magnetizing inductance LM each cycle is therefore:
2
2
1
PK
M
G
I
L
E
(8)
So the power transferring from the input to the output is given by:
SW
2
PK
M
f
I
L
2
1
P
(9)
O
O
O
SW
2
PK
P
I
V
P
f
I
L
2
1
(10)
Where, fSW is the switching frequency, η is the transferring efficiency.
In AP3987CT, the high load mode and light load mode adopt the Frequency Modulation (FM), and the middle load mode uses the Amplitude
Modulation (AM).
During FM, the peak current IPK is constant, the output power depends on the switching frequency fSW.
During AM, the frequency is fixed, VCS_M is varied. Below is the analysis of VCS_M。
The square root equation can be got from the following equation:
O
O
SW
2
CS
CS
P
SW
2
PK
P
I
V
f
R
V
L
2
1
f
I
L
2
1


(11)
So,
SW
p
O
O
2
CS
CS
f
L
I
V
R
2
V
(12)
During AM, the frequency is fixed, assume VO and η are constants, then
O
CS
I
k
V
(
SW
p
O
2
CS
f
L
V
R
2
k
)
(13)
7.
NL Mode Operation (Typical Application with APR3415CT)
At no load and ultra light load, the AP3987CT works at No Load mode (NL mode) and the output voltage is detected by APR3415CT. In order to
achieve ultra low standby power at NL mode, the static current is reduced to ICC_NL.
• The conditions of exiting NL mode---VCBC> VCBC(EN) or tOFF< tOFF(EX)
• The conditions of entering NL mode-- VCBC< VCBC(EN) and tOFF≥ tOFF(EN)
At NL mode, the internal reference voltage VDD is pulled to ground. For normal NL working state, when the APR3415CT detects the output
voltage is lower than its trigger voltage, the APR3415CT VDET pin emits a periodical pulse current. This pulse current will generate a pulse
voltage on feedback winding through the transformer coupling. When the FB pin detects this pulse (>VTRIGGER is valid), the AP3987CT re-
establishes the VDD and turns on primary switch to provide one energy pulse to supply output terminal and primary VCC voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com