Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 26Page - Texas Instruments TLV3603 Datasheet HTML 27Page - Texas Instruments TLV3603 Datasheet HTML 28Page - Texas Instruments TLV3603 Datasheet HTML 29Page - Texas Instruments TLV3603 Datasheet HTML 30Page - Texas Instruments TLV3603 Datasheet HTML 31Page - Texas Instruments TLV3603 Datasheet HTML 32Page - Texas Instruments TLV3603 Datasheet HTML 33Page - Texas Instruments TLV3603 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Nov-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV3601DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV3601DBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV3601DCKR
SC70
DCK
5
3000
180.0
8.4
2.47
2.3
1.25
4.0
8.0
Q3
TLV3601DCKT
SC70
DCK
5
250
180.0
8.4
2.47
2.3
1.25
4.0
8.0
Q3
TLV3602DGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
TLV3602DGKT
VSSOP
DGK
8
250
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
TLV3603DCKR
SC70
DCK
6
3000
180.0
8.4
2.47
2.3
1.25
4.0
8.0
Q3
TLV3603DCKT
SC70
DCK
6
250
180.0
8.4
2.47
2.3
1.25
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com