Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments TLV3603 Datasheet HTML 10Page - Texas Instruments TLV3603 Datasheet HTML 11Page - Texas Instruments TLV3603 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
6.5 Electrical Characteristics (continued)
VCC = 2.5, 3.3 and 5 V, VEE = 0 V, VCM = VEE + 300 mV, CL = 5 pF probe capacitance, typical at TA = 25°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Latching/Adjustable Hysteresis
VHYST
Input hysteresis voltage
VHYST = Logic High
0
mV
VHYST
Input hysteresis voltage
RHYST = Floating
3
mV
VHYST
Input hysteresis voltage
RHYST = 150 kΩ
30
mV
VHYST
Input hysteresis voltage
RHYST = 56 kΩ
60
mV
VIH_LE
LE pin input high level
TA = –40℃ to +125℃
VEE + 1.5
V
VIL_LE
LE pin input low level
TA = –40℃ to +125℃
VEE + 0.35
V
IIH_LE
LE pin input leakage current
VLE = VCC
TA = –40℃ to +125℃
15
uA
IIL_LE
LE pin input leakage current
VLE = VEE,
TA = –40℃ to +125℃
40
uA
tSETUP
Latch setup time
–1.4
ns
tHOLD
Latch hold time
7.2
ns
tPL
Latch to OUT delay
7
ns
(1)
Ensured by characterization
(2)
Differential propagation delay is defined as the larger of the two:
ΔtPDLH = tPDLH(MAX) – tPDLH(MIN)
ΔtPDHL = tPDHL(MAX) – tPDHL(MIN)
where (MAX) and (MIN) denote the maximum and minimum values
of a given measurement across the different comparator channels.
6.6 Timing Diagrams
IN+
IN-
V
OUT
V
OVERDRIVE
V
UNDERDRIVE
V
UNDERDRIVE
V
OVERDRIVE
50%
t
R
t
F
t
PLH
t
PHL
90%
10%
Figure 6-1. General Timing Diagram
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com