Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 3Page - Texas Instruments TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments TLV3603 Datasheet HTML 10Page - Texas Instruments TLV3603 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
6.5 Electrical Characteristics
VCC = 2.5, 3.3 and 5 V, VEE = 0 V, VCM = VEE + 300 mV, CL = 5 pF probe capacitance, typical at TA = 25°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Input Characteristics
VIO
Input offset voltage
TA = –40°C to +125℃
–5
±0.5
5
mV
dVIO/dT
Input offset voltage drift
±3.0
μV/°C
VCM
Input common mode voltage
range
TA = –40℃ to +125℃
VEE – 0.2
VCC + 0.2
V
VHYST (TLV3601/2) Input hysteresis voltage
TA = –40℃ to +125℃
1.5
3
5(1)
mV
CIN
Input capacitance
1
pF
RDM
Input differential mode resistance
67
kΩ
RCM
Input common mode resistance
5
MΩ
IB
Input bias current
TA = –40℃ to +125℃
1
5
uA
IOS
Input offset current
±0.03
uA
CMRR
Common-mode rejection ratio
VCM = VEE – 0.2V to VCC + 0.2V
80
dB
PSRR
Power-supply rejection ratio
VCC = 2.4 to 5.5V
80
dB
DC Output Characteristics
VOH
Output high voltage from VCC
ISOURCE = 1 mA
TA = –40℃ to +125℃
60
80
mV
VOL
Output low voltage from VEE
ISINK = 1 mA
TA = –40℃ to +125℃
60
80
mV
ISC_SOURCE
Output Short-Circuit Current -
Source
TA = –40℃ to +125℃
10
30
mA
ISC_SINK
Output Short-Circuit Current -
Sink
TA = –40℃ to +125℃
10
30
mA
Power Supply
ICC (TLV3601)
quiescent current
Output being high
TA = –40℃ to +125℃
4.9
7
mA
ICC (TLV3602)
quiescent current per channel
Output being high
TA = –40℃ to +125℃
4.9
7
mA
ICC (TLV3603)
quiescent current
Output being high
TA = –40℃ to +125℃
5.7
7.8
mA
VPOR (postive)
Power-On Reset Voltage
2.1
V
AC Characteristics
tPD
Propagation delay
VOVERDRIVE = VUNDERDRIVE = 50mV
2.5
3.5(1)
ns
tPD
Propagation delay
VOVERDRIVE = VUNDERDRIVE = 50mV
TA = –40℃ to +125℃
4.5(1)
ns
ΔtPD (TLV3602 only)
Channel-to-channel propagation
delay skew(2)
VCM = VCC/2, VOVERDRIVE = VUNDERDRIVE =
50mV, 50 MHz Squarewave
24
ps
tCM_DISPERSION
Common dispersion
VCM varied from VEE to VCC
80
ps
tOD_DISPERSION
Overdrive dispersion
Overdrive varied from 10 mV to 125 mV
600
ps
tUD_DISPERSION
Underdrive dispersion
Underdrive varied from 10mV to 125 mV
330
ps
tR
Rise time
10% to 90%
0.75
ns
tF
Fall time
90% to 10%
0.75
ns
tJITTER
RMS Jitter
VIN = 100mVP-P,
fIN = 100MHz, Jitter BW = 10Hz – 50MHz
4
ps
fTOGGLE
Input toggle frequency
VIN = 200 mVPP Sine Wave,
When output high reaches 90% of VCC - VEE
or output low reaches 10% of VCC - VEE
325
MHz
PulseWidth
Minimum allowed input pulse
width
VOVERDRIVE = VUNDERDRIVE = 50mV
PWOUT = 90% of PWIN
1.25
ns
www.ti.com
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV3601 TLV3602 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com