Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 22Page - Texas Instruments TLV3603 Datasheet HTML 23Page - Texas Instruments TLV3603 Datasheet HTML 24Page - Texas Instruments TLV3603 Datasheet HTML 25Page - Texas Instruments TLV3603 Datasheet HTML 26Page - Texas Instruments TLV3603 Datasheet HTML 27Page - Texas Instruments TLV3603 Datasheet HTML 28Page - Texas Instruments TLV3603 Datasheet HTML 29Page - Texas Instruments TLV3603 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
10 Layout
10.1 Layout Guidelines
Comparators are very sensitive to input noise. For best results, adhere to the following layout guidelines.
1. Use a printed-circuit-board (PCB) with a good, unbroken, low-inductance ground plane. Proper grounding
(use of a ground plane) helps maintain specified device performance.
Likewise, high performance board materials such as Rogers or high speed FR4 is also recommended.
2. Place a decoupling capacitor (100-pF ceramic, surface-mount capacitor) between VCC and
VEE as close to the device as possible. Using multiple bypass capacitors in different decade ranges such as
100-pF, 100-nF, and 1-µF provides the best noise reduction across frequency ranges.
3. On the inputs and the output, keep lead lengths as short and minimize capacitive coupling to the traces by
having a keepout area around the traces that is 3x the width of the traces. It is also recommended to keep
inputs away from the output.
4. Solder the device directly to the PCB rather than using a socket.
10.2 Layout Example
Figure 10-1. TLV3603 Layout Example
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com