Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments TLV3603 Datasheet HTML 10Page - Texas Instruments TLV3603 Datasheet HTML 11Page - Texas Instruments TLV3603 Datasheet HTML 12Page - Texas Instruments TLV3603 Datasheet HTML 13Page - Texas Instruments TLV3603 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
6.7 Typical Characteristics
At TA = 25°C, VCC - VEE = 2.5 V to 5 V, VCM = 300 mV, RHYST = 150 kΩ (TLV3603 only), and input overdrive = 50 mV, unless
otherwise noted.
Temperature (
C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
-1.5
-1
-0.5
0
0.5
1
1.5
2
For 33 units
Figure 6-3. TLV3601 Offset vs. Temperature
Temperature (
C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
2.8
2.9
3
3.1
3.2
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Figure 6-4. TLV3601 Hysteresis vs. Temperature
Input Common-Mode Voltage (V)
-0.2
0.1
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5 2.7
-1
-0.6
-0.2
0.2
0.6
1
1.4
1.8
For 33 units
Figure 6-5. TLV3601 Offset vs. Common-Mode, 2.5 V
Figure 6-6. TLV3601 Hysteresis vs. Common-Mode, 2.5 V
Input Common-Mode Voltage (V)
-0.2
0.3
0.8
1.3
1.8
2.3
2.8
3.3
-1
-0.6
-0.2
0.2
0.6
1
1.4
1.8
For 33 units
Figure 6-7. TLV3601 Offset vs. Common-Mode, 3.3 V
Input Common Mode Voltage (V)
-0.2
0.3
0.8
1.3
1.8
2.3
2.8
3.3
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
C
25
C
85
C
125
C
Figure 6-8. TLV3601 Hysteresis vs. Common-Mode, 3.3 V
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com