Electronic Components Datasheet Search
  English  ▼

X  

UT047 Datasheet(PDF) 5 Page - Harwin Plc

Part # UT047
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

UT047 Datasheet(HTML) 5 Page - Harwin Plc

  UT047 Datasheet HTML 1Page - Harwin Plc UT047 Datasheet HTML 2Page - Harwin Plc UT047 Datasheet HTML 3Page - Harwin Plc UT047 Datasheet HTML 4Page - Harwin Plc UT047 Datasheet HTML 5Page - Harwin Plc UT047 Datasheet HTML 6Page - Harwin Plc UT047 Datasheet HTML 7Page - Harwin Plc UT047 Datasheet HTML 8Page - Harwin Plc UT047 Datasheet HTML 9Page - Harwin Plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
C00540 Date: 28.11.2022
C/Order: 32100
Issue: 40
C00540
Component Specification – M80 & M83 Series Rectangular Connectors
2.3. Power Contacts
2.3.1. Electrical Characteristics
Current Rating:
M80-3XX contact .................................................................................................... 20A max
M80-PXX contact .................................................................................................... 40A max
Working Voltage (at 1,013mbar, sea level) ............................................................... 800V DC or AC peak
Voltage Proof (at 1,013mbar, sea level) .................................................................... 1,200V DC or AC peak
Contact Resistance....................................................................................................... 6mΩ max
2.3.2. Wire Termination Range
Recommended Wire Type ........................................ See Component Specification C049XX (latest issue)
AWG
Current Rating of cable
Compatible contacts
10
40A max
M80-PF5, M80-PM5
12
20A max
M80-325, M80-335, M80-32A
14
15A max
M80-326, M80-336, M80-32B
16
10A max
M80-327, M80-337, M80-32C
18
8A max
M80-328, M80-338
20
5A max
M80-329, M80-339
2.3.3. Mechanical Characteristics
Durability ....................................................................................................................... 500 operations
High Temperature, Long Term (no electrical load) .................................................. 1,000 hours at 150°C
Insertion Force:
M80-3XX contact .................................................................................................... 8.0N max
M80-PXX contact .................................................................................................... 15.0N max
Withdrawal force.......................................................................................................... 0.5N min
Contact wipe ................................................................................................................. 1.30mm min
Contact Replacement in Housing................................................................................ 5 times max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com