Electronic Components Datasheet Search
  English  ▼

X  

UT047 Datasheet(PDF) 3 Page - Harwin Plc

Part # UT047
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

UT047 Datasheet(HTML) 3 Page - Harwin Plc

  UT047 Datasheet HTML 1Page - Harwin Plc UT047 Datasheet HTML 2Page - Harwin Plc UT047 Datasheet HTML 3Page - Harwin Plc UT047 Datasheet HTML 4Page - Harwin Plc UT047 Datasheet HTML 5Page - Harwin Plc UT047 Datasheet HTML 6Page - Harwin Plc UT047 Datasheet HTML 7Page - Harwin Plc UT047 Datasheet HTML 8Page - Harwin Plc UT047 Datasheet HTML 9Page - Harwin Plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
C00540 Date: 28.11.2022
C/Order: 32100
Issue: 40
C00540
Component Specification – M80 & M83 Series Rectangular Connectors
2.1.3. Environmental Characteristics
Environmental Classification.................................................................................. 55/125/56 Days at 95% RH
Operating Temperature Range .............................................................................. -55°C to +125°C
Low Air Pressure Severity (only one contact is electrically loaded) .................. 300 mbar (9,144m/30,000ft)
The connector will function correctly using a simultaneous combination of high temperature and
low air pressure down to 300mbar (altitude of 9,144m/30,000ft) up to 360V DC.
Salt Spray:
L-Tek ..................................................................... BS2011 Part 2.1Kb Severity 2 (5% Solution,
6.5/7.2pH @ 40°C, 93% Humidity for 66 hours)
J-Tek & Mix-Tek ................................................... EIA364 Test Procedure 26 condition A (5% Solution,
6.5/7.2pH @ 35°C, 95% Humidity for 96 hours
2.1.4. Vibration, Shock, Bump
In all cases, mating jackscrews or latches are fully utilized.
Standard Signal Contact:
Vibration Severity (10G test) ......................... 10Hz to 2,000Hz, 0.75mm, 98m/s² (10G), duration 6 hours
Vibration Severity (20G test)......................... 10Hz to 81.73Hz, 1.5mm peak-to-peak; 57.55Hz to 2,000Hz,
196.2m/s² (20G), duration 2 hours
Shock Severity................................................. 981m/s² (100G), 18 shocks total
Bump Severity ................................................. 390m/s² (40G), 4,000±10 bumps
T-Contact:
Vibration Severity ........................................... 10Hz to 13.6Hz, 35mm peak-to-peak, 13.6Hz to 41.6Hz,
1.5mm peak-to-peak, 41.6Hz to 2,000Hz, 392.4m/s² (40G),
duration 6 hours
Shock Severity................................................. 981m/s² (100G)
2.1.5. Mechanical Characteristics
Clip Retention in Body.................................................................................................. 18N min
Minimum retention force may be 10N from a sample of 10 sockets, providing the average of the
samples is 22N.
High Temperature, Long Term (current as in 2.1.1.) ................................................ 1,000 hours at 85°C
High Temperature, Short Term (no electrical load).................................................. 250 hours at 125°C
Contact Retention in Housing ..................................................................................... 10N min
Contact Replacement in Housing (Male Crimp Jackscrew)...................................... 2 operations at 10N
Durability:
Standard Signal Contact......................................................................................... 500 operations
T-Contact................................................................................................................. 1,000 operations
Contact holding force (Standard Signal Contact) ..................................................... 0.2N min
Insertion Force (per contact, when mated to standard mating pin, no fixings):
M80 Standard Signal Contact ................................................................................ 2.0N max
M83 Signal Contact ................................................................................................. 1.0N max
T-Contact................................................................................................................. 4.0N max
Withdrawal Force (per contact, when mated to standard mating pin, no fixings):
M80 Standard Signal Contact ................................................................................ 0.2N min
M83 Signal Contact ................................................................................................. 0.2N min
T-Contact................................................................................................................. 0.5N min
Cable Contact Replacement in Housing..................................................................... up to 2 times max
Contact Wipe (T-Contact) ........................................................................................... 2.00mm min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com