Electronic Components Datasheet Search
  English  ▼

X  

UT047 Datasheet(PDF) 1 Page - Harwin Plc

Part # UT047
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

UT047 Datasheet(HTML) 1 Page - Harwin Plc

  UT047 Datasheet HTML 1Page - Harwin Plc UT047 Datasheet HTML 2Page - Harwin Plc UT047 Datasheet HTML 3Page - Harwin Plc UT047 Datasheet HTML 4Page - Harwin Plc UT047 Datasheet HTML 5Page - Harwin Plc UT047 Datasheet HTML 6Page - Harwin Plc UT047 Datasheet HTML 7Page - Harwin Plc UT047 Datasheet HTML 8Page - Harwin Plc UT047 Datasheet HTML 9Page - Harwin Plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
// HARWIN.COM
SECTION
TITLE
PAGE
1
Description of Connectors and Intended Applications
2
2
Ratings
2
Appendix 1
Contact Orientations
6
Appendix 2
Coax Contact Details (Datamate Mix-Tek)
9
Appendix 3
Gauges (Low Frequency Contacts)
12
Appendix 4
Test for Latch Integrity (Datamate L-Tek)
13
Appendix 5
Instructions for the use of Connectors
14
fitted with Jackscrews
Appendix 6
Instructions for the use of 101Lok Fixings
15
Component Specification
C00540
Datamate
M80 & M83 Series Rectangular Connectors
November 2022


Similar Part No. - UT047

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
UT04-P05 EVERLIGHT-UT04-P05 Datasheet
327Kb / 10P
High Power LED - 5W
UT04-P05/TR EVERLIGHT-UT04-P05/TR Datasheet
327Kb / 10P
High Power LED - 5W
logo
SHENZHEN DOINGTER SEMIC...
UT04N65F DOINGTER-UT04N65F Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Aeroflex Circuit Techno...
UT04VS33P AEROFLEX-UT04VS33P Datasheet
211Kb / 21P
UT04VS33P Voltage Supervisor
UT04VS33P-XCC AEROFLEX-UT04VS33P-XCC Datasheet
211Kb / 21P
UT04VS33P Voltage Supervisor
More results

Similar Description - UT047

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
P-1320-CT HIROSE-P-1320-CT Datasheet
747Kb / 15P
1300 SERIES RECTANGULAR CONNECTORS
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
Magnetic Component Specification
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
Rectangular Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS FCN360 Series
logo
fujitsu semiconductor
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
Rectangular Connectors
logo
M-System Co.,Ltd.
M80DM MSYSTEM-M80DM Datasheet
83Kb / 2P
Super-mini Signal Conditioners M80 Series
M80DY MSYSTEM-M80DY Datasheet
101Kb / 2P
Super-mini Signal Conditioners M80 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com