Electronic Components Datasheet Search
  English  ▼

X  

UT047 Datasheet(PDF) 7 Page - Harwin Plc

Part # UT047
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

UT047 Datasheet(HTML) 7 Page - Harwin Plc

Back Button UT047 Datasheet HTML 3Page - Harwin Plc UT047 Datasheet HTML 4Page - Harwin Plc UT047 Datasheet HTML 5Page - Harwin Plc UT047 Datasheet HTML 6Page - Harwin Plc UT047 Datasheet HTML 7Page - Harwin Plc UT047 Datasheet HTML 8Page - Harwin Plc UT047 Datasheet HTML 9Page - Harwin Plc UT047 Datasheet HTML 10Page - Harwin Plc UT047 Datasheet HTML 11Page - Harwin Plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
C00540 Date: 28.11.2022
C/Order: 32100
Issue: 40
C00540
Component Specification – M80 & M83 Series Rectangular Connectors
APPENDIX 1 – CONTACT ORIENTATIONS (continued)
These diagrams show pin numbers with reference to the polarization feature. They represent male
connectors, shown looking onto the contact face. For female connectors looking on the mating face, the
numbering will be mirrored.
A1.3.
Datamate J-Tek – Double Row
3
2
0
11
17
3
4
18
1
2
6
14
21
4
2
2
2
13
1
14
8
5
6
10
1
4
6
10
2
6
5
0
1
2
5
1
1
1
7
1
Polarizing Key
90° tail (typical)
6-way
50-way
42-way
10-way
14-way
20-way
26-way
34-way
A1.4.
Datamate J-Tek 3-Row (M83 series)
Only signal contacts (18-contact version shown, others follow the same pattern)
1
6
13
18
12
7
Polarizing
Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com