Electronic Components Datasheet Search
  English  ▼

X  

UT047 Datasheet(PDF) 9 Page - Harwin Plc

Part # UT047
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

UT047 Datasheet(HTML) 9 Page - Harwin Plc

Back Button UT047 Datasheet HTML 5Page - Harwin Plc UT047 Datasheet HTML 6Page - Harwin Plc UT047 Datasheet HTML 7Page - Harwin Plc UT047 Datasheet HTML 8Page - Harwin Plc UT047 Datasheet HTML 9Page - Harwin Plc UT047 Datasheet HTML 10Page - Harwin Plc UT047 Datasheet HTML 11Page - Harwin Plc UT047 Datasheet HTML 12Page - Harwin Plc UT047 Datasheet HTML 13Page - Harwin Plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
C00540 Date: 28.11.2022
C/Order: 32100
Issue: 40
C00540
Component Specification – M80 & M83 Series Rectangular Connectors
APPENDIX 2 – COAX CONTACT DETAILS
A2.1.
Coax Contact Interface Dimensions
Male Contact
Female Contact
A2.2. Coax Contact Assembly Instructions – M80-305/307, M80-315/317
1)
Strip cable to dimensions shown against relevant part (see appropriate technical drawing).
2)
Identify pieces of coax connector to be assembled.
3)
Slide sleeve onto cable past stripped area.
4)
Crimp contact to end of cable inner conductor.
5)
Insert cable and contact into coax body from back end – make sure that the braid goes outside and
over the end section.
6)
Slide sleeve back over the end of the coax body and the braid. Crimp into place on the cable
insulation, using a hexagonal crimping tool.
Inner
Conductor
Outer Insulator
Body
Sleeve
Contact
Crimp here
Sleeve
Contact
Body
Braid
Crimp here
Inner Insulator
Braid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com