Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 60 Page - Altera Corporation

Part # EPM240
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 60 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 56Page - Altera Corporation EPM240 Datasheet HTML 57Page - Altera Corporation EPM240 Datasheet HTML 58Page - Altera Corporation EPM240 Datasheet HTML 59Page - Altera Corporation EPM240 Datasheet HTML 60Page - Altera Corporation EPM240 Datasheet HTML 61Page - Altera Corporation EPM240 Datasheet HTML 62Page - Altera Corporation EPM240 Datasheet HTML 63Page - Altera Corporation EPM240 Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 297 page
background image
3–4
Chapter 3: JTAG and In-System Programmability
In System Programmability
MAX II Device Handbook
© October 2008
Altera Corporation
In System Programmability
MAX II devices can be programmed in-system via the industry standard 4-pin IEEE
Std. 1149.1 (JTAG) interface. In-system programmability (ISP) offers quick, efficient
iterations during design development and debugging cycles. The logic, circuitry, and
interconnects in the MAX II architecture are configured with flash-based SRAM
configuration elements. These SRAM elements require configuration data to be
loaded each time the device is powered. The process of loading the SRAM data is
called configuration. The on-chip configuration flash memory (CFM) block stores the
SRAM element’s configuration data. The CFM block stores the design’s configuration
pattern in a reprogrammable flash array. During ISP, the MAX II JTAG and ISP
circuitry programs the design pattern into the CFM block’s non-volatile flash array.
The MAX II JTAG and ISP controller internally generate the high programming
voltages required to program the CFM cells, allowing in-system programming with
any of the recommended operating external voltage supplies (that is, 3.3 V/2.5 V or
1.8 V for the MAX IIG and MAX IIZ devices). ISP can be performed anytime after
VCCINT and all VCCIO banks have been fully powered and the device has completed the
configuration power-up time. By default, during in-system programming, the I/O
pins are tri-stated and weakly pulled-up to VCCIO to eliminate board conflicts. The in-
system programming clamp and real-time ISP feature allow user control of I/O state
or behavior during ISP.
For more information, refer to “In-System Programming Clamp” on page 3–6 and
“Real-Time ISP” on page 3–7.
These devices also offer an ISP_DONE bit that provides safe operation when in-
system programming is interrupted. This ISP_DONE bit, which is the last bit
programmed, prevents all I/O pins from driving until the bit is programmed.
Figure 3–1. MAX II Parallel Flash Loader
Notes to Figure 3–1:
(1) This block is implemented in LEs.
(2) This function is supported in the Quartus II software.
Parallel
Flash Loader
Configuration
Logic
Flash
Memory Device
MAX II Device
DQ[7..0]
RY/BY
A[20..0]
OE
WE
CE
DQ[7..0]
RY/BY
A[20..0]
OE
WE
CE
TDI
TMS
TCK
TDI_U
TDO_U
TMS_U
TCK_U
SHIFT_U
CLKDR_U
UPDATE_U
RUNIDLE_U
USER1_U
TDO
Altera FPGA
CONF_DONE
nSTATUS
nCE
DCLK
DATA0
nCONFIG
(1), (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com