Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 68 Page - Altera Corporation

Part # EPM240
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 68 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 64Page - Altera Corporation EPM240 Datasheet HTML 65Page - Altera Corporation EPM240 Datasheet HTML 66Page - Altera Corporation EPM240 Datasheet HTML 67Page - Altera Corporation EPM240 Datasheet HTML 68Page - Altera Corporation EPM240 Datasheet HTML 69Page - Altera Corporation EPM240 Datasheet HTML 70Page - Altera Corporation EPM240 Datasheet HTML 71Page - Altera Corporation EPM240 Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 297 page
background image
4–4
Chapter 4: Hot Socketing and Power-On Reset in MAX II Devices
Hot Socketing Feature Implementation in MAX II Devices
MAX II Device Handbook
© October 2008
Altera Corporation
The CMOS output drivers in the I/O pins intrinsically provide electrostatic discharge
(ESD) protection. There are two cases to consider for ESD voltage strikes: positive
voltage zap and negative voltage zap.
A positive ESD voltage zap occurs when a positive voltage is present on an I/O pin
due to an ESD charge event. This can cause the N+ (Drain)/ P-Substrate junction of
the N-channel drain to break down and the N+ (Drain)/P-Substrate/N+ (Source)
intrinsic bipolar transistor turn on to discharge ESD current from I/O pin to GND.
The dashed line (see Figure 4–3) shows the ESD current discharge path during a
positive ESD zap.
Figure 4–2. Transistor-Level Diagram of MAX II Device I/O Buffers
p- substrate
p+
p+
n- well
n+
VCCIO
n+
n+
p- well
IOE Signal
VPAD
IOE Signal or the
Larger of VCCIO or VPAD
The Larger of
VCCIO or VPAD
Ensures 3.3-V
Tolerance and
Hot-Socket
Protection
Figure 4–3. ESD Protection During Positive Voltage Zap
I/O
I/O
Gate
Gate
Drain
Drain
PMOS
NMOS
Source
Source
GND
GND
N+
N+
P-Substrate
G
S
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com