Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 97 Page - Altera Corporation

Part # EPM240
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 97 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 93Page - Altera Corporation EPM240 Datasheet HTML 94Page - Altera Corporation EPM240 Datasheet HTML 95Page - Altera Corporation EPM240 Datasheet HTML 96Page - Altera Corporation EPM240 Datasheet HTML 97Page - Altera Corporation EPM240 Datasheet HTML 98Page - Altera Corporation EPM240 Datasheet HTML 99Page - Altera Corporation EPM240 Datasheet HTML 100Page - Altera Corporation EPM240 Datasheet HTML 101Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 297 page
background image
Chapter 5: DC and Switching Characteristics
5–25
Timing Model and Specifications
© August 2009
Altera Corporation
MAX II Device Handbook
JTAG Timing Specifications
Figure 5–6 shows the timing waveforms for the JTAG signals.
Table 5–34 shows the JTAG Timing parameters and values for MAX II devices.
Table 5–33. MAX II Maximum Output Clock Rate for I/O
I/O Standard
MAX II / MAX IIG
MAX IIZ
–3 Speed
Grade
–4 Speed
Grade
–5 Speed
Grade
–6 Speed
Grade
–7 Speed
Grade
–8 Speed
Grade
3.3-V LVTTL
304
304
304
304
304
304
MHz
3.3-V LVCMOS
304
304
304
304
304
304
MHz
2.5-V LVTTL
220
220
220
220
220
220
MHz
2.5-V LVCMOS
220
220
220
220
220
220
MHz
1.8-V LVTTL
200
200
200
200
200
200
MHz
1.8-V LVCMOS
200
200
200
200
200
200
MHz
1.5-V LVCMOS
150
150
150
150
150
150
MHz
3.3-V PCI
304
304
304
304
304
304
MHz
Figure 5–6. MAX II JTAG Timing Waveforms
TDI
TMS
TDO
TCK
Signal
to be
Captured
Signal
to be
Driven
tJCP
tJCH
tJCL
tJPSU
tJPH
tJPCO
tJPXZ
tJPZX
tJSSU
tJSH
tJSZX
tJSCO
tJSXZ
Table 5–34. MAX II JTAG Timing Parameters (Part 1 of 2)
Symbol
Parameter
Min
Max
Unit
t
JC P (1)
TCK
clock period for V
CCIO1 =3.3 V
55.5
—
ns
TCK
clock period for V
CCIO1 =2.5 V
62.5
—
ns
TCK
clock period for V
CCIO1 =1.8 V
100
—
ns
TCK
clock period for V
CCIO1 =1.5 V
143
—
ns
t
JC H
TCK
clock high time
20
—
ns
t
JC L
TCK
clock low time
20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com