Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 77 Page - Altera Corporation

Part # EPM240
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 77 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 73Page - Altera Corporation EPM240 Datasheet HTML 74Page - Altera Corporation EPM240 Datasheet HTML 75Page - Altera Corporation EPM240 Datasheet HTML 76Page - Altera Corporation EPM240 Datasheet HTML 77Page - Altera Corporation EPM240 Datasheet HTML 78Page - Altera Corporation EPM240 Datasheet HTML 79Page - Altera Corporation EPM240 Datasheet HTML 80Page - Altera Corporation EPM240 Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 297 page
background image
Chapter 5: DC and Switching Characteristics
5–5
Operating Conditions
© August 2009
Altera Corporation
MAX II Device Handbook
Output Drive Characteristics
Figure 5–1 shows the typical drive strength characteristics of MAX II devices.
I/O Standard Specifications
Table 5–5 through Table 5–10 show the MAX II device family I/O standard
specifications.
Figure 5–1. Output Drive Characteristics of MAX II Devices
Note to Figure 5–1:
(1) The DC output current per pin is subject to the absolute maximum rating of Table 5–1.
MAX II Output Drive IOH Characteristics
(Maximum Drive Strength)
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
(Minimum Drive Strength)
MAX II Output Drive IOH Characteristics
(Maximum Drive Strength)
MAX II Output Drive IOL Characteristics
(Minimum Drive Strength)
MAX II Output Drive IOL Characteristics
Table 5–5. 3.3-V LVTTL Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
V
CCIO
I/O supply voltage
—
3.0
3.6
V
V
IH
High-level input voltage
—
1.7
4.0
V
V
IL
Low-level input voltage
—
–0.5
0.8
V
V
OH
High-level output voltage
IOH = –4 mA (1)
2.4
—
V
V
OL
Low-level output voltage
IOL = 4 mA (1)
—0.45
V
Table 5–6. 3.3-V LVCMOS Specifications (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
V
CCIO
I/O supply voltage
—
3.0
3.6
V
V
IH
High-level input voltage
—
1.7
4.0
V
V
IL
Low-level input voltage
—
–0.5
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com