Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 73 Page - Altera Corporation

Part # EPM240
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 73 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 69Page - Altera Corporation EPM240 Datasheet HTML 70Page - Altera Corporation EPM240 Datasheet HTML 71Page - Altera Corporation EPM240 Datasheet HTML 72Page - Altera Corporation EPM240 Datasheet HTML 73Page - Altera Corporation EPM240 Datasheet HTML 74Page - Altera Corporation EPM240 Datasheet HTML 75Page - Altera Corporation EPM240 Datasheet HTML 76Page - Altera Corporation EPM240 Datasheet HTML 77Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 297 page
background image
© August 2009
Altera Corporation
MAX II Device Handbook
5. DC and Switching Characteristics
Introduction
System designers must consider the recommended DC and switching conditions
discussed in this chapter to maintain the highest possible performance and reliability
of the MAX® II devices. This chapter contains the following sections:
■
“Operating Conditions” on page 5–1
■
“Power Consumption” on page 5–8
■
“Timing Model and Specifications” on page 5–8
Operating Conditions
Table 5–1 through Table 5–12 provide information about absolute maximum ratings,
recommended operating conditions, DC electrical characteristics, and other
specifications for MAX II devices.
Absolute Maximum Ratings
Table 5–1 shows the absolute maximum ratings for the MAX II device family.
Table 5–1. MAX II Device Absolute Maximum Ratings (Note 1), (2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
V
CCINT
Internal supply voltage (3)
With respect to ground
–0.5
4.6
V
V
CCIO
I/O supply voltage
—
–0.5
4.6
V
V
I
DC input voltage
—
–0.5
4.6
V
I
OUT
DC output current, per pin (4)
—
–25
25
mA
T
STG
Storage temperature
No bias
–65
150
°C
T
AMB
Ambient temperature
Under bias (5)
–65
135
°C
T
J
Junction temperature
TQFP and BGA packages
under bias
—135
°C
Notes to Table 5–1:
(1) Refer to the Operating Requirements for Altera Devices Data Sheet.
(2) Conditions beyond those listed in Table 5–1 may cause permanent damage to a device. Additionally, device operation at the absolute maximum
ratings for extended periods of time may have adverse affects on the device.
(3) Maximum VCCINT for MAX II devices is 4.6 V. For MAX IIG and MAX IIZ devices, it is 2.4 V.
(4) Refer to AN 286: Implementing LED Drivers in MAX & MAX II Devices for more information about the maximum source and sink current for
MAX II devices.
(5) Refer to Table 5–2 for information about “under bias” conditions.
MII51005-2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com