Electronic Components Datasheet Search
  English  ▼

X  

IP1201 Datasheet(PDF) 27 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 27 Page - International Rectifier

Back Button IP1201 Datasheet HTML 21Page - International Rectifier IP1201 Datasheet HTML 22Page - International Rectifier IP1201 Datasheet HTML 23Page - International Rectifier IP1201 Datasheet HTML 24Page - International Rectifier IP1201 Datasheet HTML 25Page - International Rectifier IP1201 Datasheet HTML 26Page - International Rectifier IP1201 Datasheet HTML 27Page - International Rectifier IP1201 Datasheet HTML 28Page - International Rectifier IP1201 Datasheet HTML 29Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
www.irf.com
27
iP1201
IRDCiP1201-A (Single, paralleled output configuration(for 1.5V output)
Table 2. Reference Design Bill of Materials
IRDCiP1201-A (Dual, Independent output configurations(Channel1 1.5V output, Channel2 2.5V output)
QTY
REF DESIGNATOR
DESCRIPTION
SIZE
MFR
PART NUMBER
6
C1, C2, C3, C4, C5, C6
Capacitor, ceramic, 100µF, 6.3V, X5R, 20%
1812
TDK
C4532X5R0J107M
3
C10, C19,C20
Capacitor, ceramic, 100pF, 50V, NPO, 5%
0603
Phycomp
0603CG101J9B20
1C11
Capacitor, ceramic, 6800pF, 50V, X7R, 10%
0603
KOA
X7R0603HTTD682K
4
C12, C13, C15, C16
Capacitor, poscap, 470µF, 6.3V, electrolytic
20%
7343
Sanyo
6TPB470M
4
C14, C17, C7, C8
Capacitor, ceramic, 0.1µF, 16V, X7R, 10%
0603
Murata
GRM188R71C104KA01D
1
C18
Capacitor, ceramic, 1.00µF, 16V, X7R, 10%
0805
Murata
GRM40X7R105K016
14
C21, C22, C23, C24,
C25, C26, R16, R17,
R22, R23, R25, R26,
R27, R28
Not installed
-
-
-
1C9
Capacitor, ceramic, 0.01µF, 50V, X7R, 10%
0603
Samsung
CL10B103KBNC
2
L1, L2
Inductor, 1µH, 19A, 20%
13.0mm X 12.9mm
Panasonic
ETQP1H1R0BFA
3
R1, R2, R24
Resistor, thick film, 100k
Ω, 1/10W, 1%
0603
KOA
RK73H1J1003F
2R10, R11
Resistor, thick film, 2.15k
Ω, 1/10W, 1%
0603
KOA
RK73H1J2151F
4
R12, R14, R7, R8
Resistor, thick film, 1.0k
Ω, 1/10W, 1%
0603
KOA
RK73H1J1001F
2R13, R9
Resistor, thick film, 887
Ω, 1/10W, 1%
0603
KOA
RK73H1J8870F
2R15, R19
Resistor, manganin-foil, 0
Ω, 2W
2716
Isotek Corp
SMT-R000
1R3
Resistor, thick film, 30.9k
Ω, 1/10W, 1%
0603
KOA
RK73H1J3092F
1
R4
Resistor, thick film, 0
Ω, 1/10W
0603
ROHM
MCR03EZHJ000
1R5
Resistor, thick film, 4.75k
Ω, 1/10W, 1%
0603
KOA
RK73H1JLTD4751F
1R6
Resistor, thick film, 7.15k
Ω, 1/10W, 1%
0603
KOA
RK73H1JLTD7151F
1
U1
BGA Power Block
9.25mm X 15.5mm
IR
iP1201
QTY
REF DESIGNATOR
DESCRIPTION
SIZE
MFR
PART NUMBER
6
C1, C2, C3, C4, C5, C6
Capacitor, ceramic, 100µF, 6.3V, X5R, 20%
1812
TDK
C4532X5R0J107M
3
C10, C19,C20
Capacitor, ceramic, 100pF, 50V, NPO, 5%
0603
Phycomp
0603CG101J9B20
1C11
Capacitor, ceramic, 6800pF, 50V, X7R, 10%
0603
KOA
X7R0603HTTD682K
4
C12, C13, C15, C16
Capacitor, poscap, 470µF, 6.3V, electrolytic
20%
7343
Sanyo
6TPB470M
4
C14, C17, C7, C8
Capacitor, ceramic, 0.1µF, 16V, X7R, 10%
0603
Murata
GRM188R71C104KA01D
1
C18
Capacitor, ceramic, 1.00µF, 16V, X7R, 10%
0805
Murata
GRM40X7R105K016
15
C21, C22, C23, C24,
C25, C26, R10, R11,
R12, R25, R26, R27,
R28, R4, R8
Not installed
-
-
-
1C9
Capacitor, ceramic, 0.01µF, 50V, X7R, 10%
0603
Samsung
CL10B103KBNC
2
L1, L2
Inductor, 1µH, 19A, 20%
13.0mm X 12.9mm
Panasonic
ETQP1H1R0BFA
3R1, R2, R24
Resistor, thick film, 100k
Ω, 1/10W, 1%
0603
KOA
RK73H1J1003F
2R14, R7
Resistor, thick film, 1.0k
Ω, 1/10W, 1%
0603
KOA
RK73H1J1001F
2R13, R9
Resistor, thick film, 887
Ω, 1/10W, 1%
0603
KOA
RK73H1J8870F
2
R15, R19
Resistor, alloy metal, 5m
Ω, 1W, 1%
2512
Panasonic
ERJM1WSF5M0U
1R23
Resistor, manganin-foil, 0
Ω, 2W
2716
Isotek Corp
SMT-R000
1R3
Resistor, thick film, 30.9k
Ω, 1/10W, 1%
0603
KOA
RK73H1J3092F
3
R16, R17, R22
Resistor, thick film, 0
Ω, 1/10W
0603
ROHM
MCR03EZHJ000
1R5
Resistor, thick film, 4.75k
Ω, 1/10W, 1%
0603
KOA
RK73H1JLTD4751F
1R6
Resistor, thick film, 7.15k
Ω, 1/10W, 1%
0603
KOA
RK73H1JLTD7151F
1
U1
BGA Power Block
9.25mm X 15.5mm
IR
iP1201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com