Electronic Components Datasheet Search
  English  ▼

X  

IP1201 Datasheet(PDF) 9 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 9 Page - International Rectifier

Back Button IP1201 Datasheet HTML 5Page - International Rectifier IP1201 Datasheet HTML 6Page - International Rectifier IP1201 Datasheet HTML 7Page - International Rectifier IP1201 Datasheet HTML 8Page - International Rectifier IP1201 Datasheet HTML 9Page - International Rectifier IP1201 Datasheet HTML 10Page - International Rectifier IP1201 Datasheet HTML 11Page - International Rectifier IP1201 Datasheet HTML 12Page - International Rectifier IP1201 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.irf.com
9
iP1201
Output2 (Fig. 2)
Maximum power loss
= 8.25W /2 = 4.13W
(Fig. 4)
Normalized power loss for input voltage ≈ 0.97
(Fig. 5)
Normalized power loss for output voltage ≈ 0.98
(Fig. 6)
Normalized power loss for frequency ≈ 0.918
(Fig. 7)
Normalized power loss for inductor value ≈ 1.0
Adjusted Power Loss = 4.13W x 0.97 x 0.98 x 0.918 x 1.0 ≈ 3.60W
Total device power loss = 2.36W + 3.60W = 5.96W
Example 2) Adjusting for SOA Temperature:
Assuming T
CASE = 110°C & TPCB = 90°C for both outputs
Output1 (Fig. 4)
Normalized SOA Temperature for input voltage ≈ -1.0°C
(Fig. 5)
Normalized SOA Temperature for output voltage ≈ 0°C
(Fig. 6)
Normalized SOA Temperature for frequency ≈ -2.9°C
(Fig. 7)
Normalized SOA Temperature for inductor value ≈ 0°C
TX axis intercept temp adjustment = -1.0°C + 0°C -2.9°C + 0°C ≈ -3.9°C
The following example shows how the SOA current is adjusted for a TX change of -3.9°C and output 1 is in SOA
Output2 (Fig. 4)
Normalized SOA Temperature for input voltage ≈ -1.0°C
(Fig. 5)
Normalized SOA Temperature for output voltage ≈ -0.55°C
(Fig. 6)
Normalized SOA Temperature for frequency ≈ -2.9°C
(Fig. 7)
Normalized SOA Temperature for inductor value ≈ 0°C
TX axis intercept temp adjustment = -1.0°C - 0.55°C - 2.9°C + 0°C ≈ -4.45°C
The following example shows how the SOA current is adjusted for a TX change of -4.45°C and output 2 is in SOA.
0
102030
405060708090
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
102030
405060708090
100
110
120
PCB Temperature (ºC)
Case Temperature (ºC)
TX
VIN = 5V
VOUT1 = VOUT2 = 1.5V
IOUT = 15A
fSW = 300kHz
L = 1.8uH
Safe
Operating
Area
Adjusted SOA
Unadjusted SOA
0
10
2030405060708090
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
102030405060708090
100
110
120
PCB Temperature (ºC)
Case Temperature (
ºC)
TX
VIN = 5V
VOUT1 = VOUT2 = 1.5V
IOUT = 15A
fSW = 300kHz
L = 1.8uH
Safe
Operating
Area
Adjusted SOA Current
Unadjusted SOA Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com