Electronic Components Datasheet Search
  English  ▼

X  

IP1201 Datasheet(PDF) 10 Page - International Rectifier

Part # IP1201
Description  Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201 Datasheet(HTML) 10 Page - International Rectifier

Back Button IP1201 Datasheet HTML 6Page - International Rectifier IP1201 Datasheet HTML 7Page - International Rectifier IP1201 Datasheet HTML 8Page - International Rectifier IP1201 Datasheet HTML 9Page - International Rectifier IP1201 Datasheet HTML 10Page - International Rectifier IP1201 Datasheet HTML 11Page - International Rectifier IP1201 Datasheet HTML 12Page - International Rectifier IP1201 Datasheet HTML 13Page - International Rectifier IP1201 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.irf.com
10
iP1201
Table 1: Pin Description
* Part will malfunction if pins A and B are shorted together for input voltages >3.5V
Pin Name
Ball Designator
Pin Description
VIN
A1 A2 A3 A4 A5 A14 A15 A16 A17 A18 B1 B2 B3 B4 B5
B14 B15 B16 B17 B18 C1 C2 C3 C4 C5 C14 C15 C16
C17 C18
Input voltage connection node
A*
G8 J13
Internally generated voltage. Connect to pin B when Vin < 3.5V.
Leave floating for input voltages >3.5V.
B*
L12 L13
Internally generated voltage. Connect to pin A when Vin < 3.5V.
Leave floating for input voltages >3.5V.
CC1
H8
Output of the first error amplifier, refer to Fig.1 block diagram
CC2
H13
Output of the second error amplifier
ENABLE
A8 B8
Single pin for both outputs. Commands outputs ON or OFF. Pulled
low, turns both outputs ON. Should be pulled high to disable
outputs.
SS1
H6
Soft start pin for output1. External capacitor
provides soft start. Pulled low disables output 1.
SS2
G11
Soft start pin for output2. External capacitor
provides soft start. Pulled low disables output 2.
FB1
J6
Inverting input of error amplifier 1
FB1s
J8
Output 1 voltage sense pin
FB2
H11
Inverting input of error amplifier 2
FB2s
J11
Output 2 voltage sense pin
VSW1
D1 D2 D3 E1 E2 F1 F2 G1 G2 G3 H1 H2 H3 J1 J2 J3 K1
K2 L1 L2
Output 1 inductor connection node
VSW2
D16 D17 D18 E17 E18 F17 F18 G16 G17 G18 H16 H17
H18 J16 J17 J18 K17 K18 L17 L18
Output 2 inductor connection node
PGND
A6 A7 A9 A10 A12 A13 B6 B7 B9 B10 B12 B13 C6 C7 C9
C10 C12 C13 D6 D7 D9 D10 D12 D13 D14 E3 E4 E8 E11
E15 E16 F3 F4 F5 F6 F9 F10 F13 F14 F15 F16 G4 G5
G6 G9 G10 G13 G14 G15 H4 H5 H9 H10 H14 H15 J4 J5
J9 J10 J14 J15 K3 K16 L3 L5 L14 L16
Power Ground
Vref
L9
Amplifier 1 reference Voltage. Connect a 100pf cap from this pin to
PGND.
VP-ref
L8
Amplifier 2 reference voltage. Connect to Vref for independent
output configuration. Refer to function description section on how to
connect for parallel configuration.
SYNC
K6
External Clock synchronization pin. Set free running frequency to
80% of the SYNC frequency. When not in use leave pin floating.
RT
K13
Switching frequency setting pin. For RT selection, refer to Fig.11 RT
vs Frequency curve.
PGOOD
L10
Power Good pin, needs external pull-up resistor. If not used pin can
be left floating.
HICCUP
L6 L7
Logic level pin. Pulled high enables hiccup mode of operation.
Pulled low enables overcurrent shutdown mode.
NC
L11
Unused pin. No electrical connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com