Electronic Components Datasheet Search
  English  ▼

X  

PA52 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PA52
Description  Power Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA52 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PA52 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PA52 • PA52A
4
PA52U Rev J
SPECIFICATIONS
Unless otherwise noted: TC = 25°C, DC input specifications are ± value given. Power supply voltage is typical
rating. ±VBOOST = ±VS.
ABSOLUTE MAXIMUM RATINGS
The PA52 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do
not crush, machine, or subject to temperatures in excess of 850°C to avoid generating toxic
fumes.
Parameter
Symbol
Min
Max
Units
Supply Voltage, +Vs To -Vs
+Vs to -Vs
200
V
Boost Voltage, +VB To -VB
230
V
Output Current, within SOA
IO
80
A
Power Dissipation, internal
PD
400
W
Input Voltage, differential
VIN (Diff)
-20
20
V
Input Voltage, common mode
Vcm
-VB
+VB
V
Temperature, pin solder, 10s
350
°C
Temperature, junction 1
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dis-
sipation to achieve high MTTF. For guidance, refer to the heatsink data sheet.
TJ
150
°C
Temperature, storage
-65
+150
°C
Operating Temperature Range, case
TC
-55
+125
°C
CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com