Electronic Components Datasheet Search
  English  ▼

X  

PA52 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA52
Description  Power Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA52 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA52 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.apexanalog.com
© Apex Microtechnology Inc.
All rights reserved
Aug 2015
PA52U Rev J
Power Operational Amplifiers
RoHS
COMPLIANT
PA52 • PA52A
FEATURES
•
High Internal Dissipation — 400W
•
High Current — 40A Continuous, 80A Peak
•
High Slew Rate — 50V/µs
•
Optional Boost Voltage Inputs
APPLICATIONS
•
Semi-conductor Testing
•
Brushless DC Motor Drive
•
Voltage Controlled Current Source
•
Electromagnetic Driver
DESCRIPTION
The PA52 is a MOSFET power operational amplifier that extends the performance limits of power amplifi-
ers in slew rate and power bandwidth, while maintaining high current and power dissipation ratings.
Boost voltage inputs allow the small signal portion of the amplifier to operate at a higher voltage than the
high current output stage. The amplifier is then biased to achieve close linear swings to the supply rails at
high currents for extra efficient operation.
The JEDEC MO-127 12-pin Power Dip™ package (see Package Outlines) is hermetically sealed and isolated
from the internal circuits. The use of compressible thermal washers and/or improper mounting torque will
void the product warranty. Please see Application Note 1, “General Operating Considerations”.


Similar Part No. - PA52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA52 APEX-PA52 Datasheet
210Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA52 CIRRUS-PA52 Datasheet
206Kb / 4P
Power Operational Amplifiers
logo
List of Unclassifed Man...
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
PA52-PZP ETC2-PA52-PZP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
logo
NIKO SEMICONDUCTOR CO.,...
PA520BA NIKOSEM-PA520BA Datasheet
277Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PA52

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com