Electronic Components Datasheet Search
  English  ▼

X  

PA52 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PA52
Description  Power Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA52 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PA52 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 9Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 10Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PA52 • PA52A
PA52U Rev J
9
SAFE OPERATING AREA (SOA)
Figure 12: SOA
GENERAL
Please read Application Note 1 “General Operating Considerations” which covers stability, supplies, heat
sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.apexana-
log.com for Apex Microtechnology’s complete Application Notes library, Technical Seminar Workbook, and
Evaluation Kits.
CURRENT LIMIT
There is no internal circuit provision for current limit in the PA52. However, the PA52 circuit board in the
PA52 evaluation kit does provide a means whereby the output current can be sensed. An external circuit cur-
rent limit can thereby be implemented if needed.
BOOST OPERATION
With the VBOOST feature the small signal stages of the amplifier are operated at higher supply voltages
than the amplifier’s high current output stage. +VBOOST (pin 11) and –VBOOST (pin 12) are connected to the
small signal circuitry of the amplifier. +VS (pin 9,10) and –VS (pin 3,4) are connected to the high current out-
put stage. An additional 10V on the VBOOST pins is sufficient to allow the small signal stages to drive the out-
80
10
1
0.1
1
10
100
DC
T
C
=
125°C
DC
T
C
=
85°C
DC
T
C
=
25°C
t =
10ms
t =
1ms
V
S
-V
O
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com