Electronic Components Datasheet Search
  English  ▼

X  

PA52 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PA52
Description  Power Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA52 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PA52 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 9Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 10Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PA52 • PA52A
PA52U Rev J
7
TYPICAL PERFORMANCE GRAPHS
Figure 3: Power Derating
Figure 4: Power Supply Rejection
Figure 5: Small Signal Gain
Figure 6: Small Signal Phase
400
300
200
100
0
0
25
50
100
75
Temperature, T
C
(°C)
T = T
C
100
80
60
40
20
0
10
100
1k
10k
100k
10M
1M
Frequency, F (Hz)
120
80
40
0
1
10
100
10k 100k
10M
1M
Frequency, F (Hz)
R
L
1k
0
-45
-90
-135
-180
1
10
100
1K
100k
10M
1M
Frequency, F (Hz)
R
L
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com