Electronic Components Datasheet Search
  English  ▼

X  

PA52 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PA52
Description  Power Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA52 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PA52 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 9Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 10Page - List of Unclassifed Manufacturers PA52 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PA52 • PA52A
10
PA52U Rev J
NEED TECHNICAL HELP? CONTACT APEX SUPPORT!
For all Apex Microtechnology product questions and inquiries, call toll free 800-546-2739 in North America. For
inquiries via email, please contact apex.support@apexanalog.com. International customers can also request
support by contacting their local Apex Microtechnology Sales Representative. To find the one nearest to you,
go to www.apexanalog.com
IMPORTANT NOTICE
Apex Microtechnology, Inc. has made every effort to insure the accuracy of the content contained in this document. However, the information is
subject to change without notice and is provided "AS IS" without warranty of any kind (expressed or implied). Apex Microtechnology reserves the right
to make changes without further notice to any specifications or products mentioned herein to improve reliability. This document is the property of
Apex Microtechnology and by furnishing this information, Apex Microtechnology grants no license, expressed or implied under any patents, mask
work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Apex Microtechnology owns the copyrights associated with the
information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Apex
Microtechnology integrated circuits or other products of Apex Microtechnology. This consent does not extend to other copying such as copying for
general distribution, advertising or promotional purposes, or for creating any work for resale.
APEX MICROTECHNOLOGY PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED TO BE SUITABLE FOR USE IN PRODUCTS USED FOR LIFE
SUPPORT, AUTOMOTIVE SAFETY, SECURITY DEVICES, OR OTHER CRITICAL APPLICATIONS. PRODUCTS IN SUCH APPLICATIONS ARE UNDERSTOOD TO BE
FULLY AT THE CUSTOMER OR THE CUSTOMER’S RISK.
Apex Microtechnology, Apex and Apex Precision Power are trademarks of Apex Microtechnology, Inc. All other corporate names noted herein may be
trademarks of their respective holders.
put transistors into saturation and improve the output voltage swing for extra efficient operation when
required. When close swings to the supply rails is not required the +VBOOST and +VS pins must be strapped
together as well as the –VBOOST and –VS pins. The boost voltage pins must not be at a voltage lower than the
VS pins.
COMPENSATION
Compensation is internally fixed for a gain of 3 or more and is not adjustable by the user. The PA52 there-
fore is not unity gain stable.
POWER SUPPLY BYPASSING
Proper and sufficient power supply bypassing is crucial to proper operation of the PA52. Bypass the +Vb
and -Vb supply pins with a minimum 0.1µF ceramic capacitors directly at the supply pins. On the +Vs and -Vs
pins use a combination of ceramic and electrolytic capacitors. Use 1µF ceramic capacitors and an electrolytic
capacitor at least 10µF for each amp of output current required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com