Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z+.. Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS18B20Z+..
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20Z+.. Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS18B20Z+.. Datasheet HTML 2Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 3Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 4Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 5Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 6Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 7Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 8Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 9Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DS18B20
6 of 22
Figure 4. Supplying the Parasite-Powered DS18B20 During Temperature Conversions
Figure 5. Powering the DS18B20 with an External Supply
64-BIT LASERED ROM CODE
Each DS18B20 contains a unique 64–bit code (see Figure 6) stored in ROM. The least significant 8 bits
of the ROM code contain the DS18B20’s 1-Wire family code: 28h. The next 48 bits contain a unique
serial number. The most significant 8 bits contain a cyclic redundancy check (CRC) byte that is
calculated from the first 56 bits of the ROM code. A detailed explanation of the CRC bits is provided in
the CRC Generation section. The 64-bit ROM code and associated ROM function control logic allow the
DS18B20 to operate as a 1-Wire device using the protocol detailed in the 1-Wire Bus System section.
Figure 6. 64-Bit Lasered ROM Code
8-BIT CRC
48-BIT SERIAL NUMBER
8-BIT FAMILY CODE (28h)
MSB
MSB
LSB
LSB
LSB
MSB
VPU
VPU
4.7k
1-Wire BUS
µ
P
DS18B20
GND
VDD
DQ
TO OTHER
1-WIRE DEVICES
VDD (EXTERNAL SUPPLY)
DS18B20
GND
VDD
DQ
VPU
4.7k
TO OTHER
1-WIRE DEVICES
1-Wire BUS
µ
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com