Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z+.. Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS18B20Z+..
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20Z+.. Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS18B20Z+.. Datasheet HTML 1Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 2Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 3Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 4Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 5Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 6Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 7Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 8Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS18B20
5 of 22
The master device can check the alarm flag status of all DS18B20s on the bus by issuing an Alarm Search
[ECh] command. Any DS18B20s with a set alarm flag will respond to the command, so the master can
determine exactly which DS18B20s have experienced an alarm condition. If an alarm condition exists
and the TH or TL settings have changed, another temperature conversion should be done to validate the
alarm condition.
POWERING THE DS18B20
The DS18B20 can be powered by an external supply on the VDD pin, or it can operate in “parasite power”
mode, which allows the DS18B20 to function without a local external supply. Parasite power is very
useful for applications that require remote temperature sensing or that are very space constrained.
Figure 1 shows the DS18B20’s parasite-power control circuitry, which “steals” power from the 1-Wire
bus via the DQ pin when the bus is high. The stolen charge powers the DS18B20 while the bus is high,
and some of the charge is stored on the parasite power capacitor (CPP) to provide power when the bus is
low. When the DS18B20 is used in parasite power mode, the VDD pin must be connected to ground.
In parasite power mode, the 1-Wire bus and CPP can provide sufficient current to the DS18B20 for most
operations as long as the specified timing and voltage requirements are met (see the DC Electrical
Characteristics and AC Electrical Characteristics). However, when the DS18B20 is performing
temperature conversions or copying data from the scratchpad memory to EEPROM, the operating current
can be as high as 1.5mA. This current can cause an unacceptable voltage drop across the weak 1-Wire
pullup resistor and is more current than can be supplied by CPP. To assure that the DS18B20 has sufficient
supply current, it is necessary to provide a strong pullup on the 1-Wire bus whenever temperature
conversions are taking place or data is being copied from the scratchpad to EEPROM. This can be
accomplished by using a MOSFET to pull the bus directly to the rail as shown in Figure 4. The 1-Wire
bus must be switched to the strong pullup within 10
µs (max) after a Convert T [44h] or Copy Scratchpad
[48h] command is issued, and the bus must be held high by the pullup for the duration of the conversion
(tCONV) or data transfer (tWR = 10ms). No other activity can take place on the 1-Wire bus while the pullup
is enabled.
The DS18B20 can also be powered by the conventional method of connecting an external power supply
to the VDD pin, as shown in Figure 5. The advantage of this method is that the MOSFET pullup is not
required, and the 1-Wire bus is free to carry other traffic during the temperature conversion time.
The use of parasite power is not recommended for temperatures above +100
°C since the DS18B20 may
not be able to sustain communications due to the higher leakage currents that can exist at these
temperatures. For applications in which such temperatures are likely, it is strongly recommended that the
DS18B20 be powered by an external power supply.
In some situations the bus master may not know whether the DS18B20s on the bus are parasite powered
or powered by external supplies. The master needs this information to determine if the strong bus pullup
should be used during temperature conversions. To get this information, the master can issue a Skip ROM
[CCh] command followed by a Read Power Supply [B4h] command followed by a “read time slot”.
During the read time slot, parasite powered DS18B20s will pull the bus low, and externally powered
DS18B20s will let the bus remain high. If the bus is pulled low, the master knows that it must supply the
strong pullup on the 1-Wire bus during temperature conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com