Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z+.. Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS18B20Z+..
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20Z+.. Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS18B20Z+.. Datasheet HTML 10Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 11Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 12Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 13Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 14Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 15Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 16Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 17Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DS18B20
14 of 22
Figure 12. DS18B20 Function Commands Flowchart
MASTER TX
FUNCTION
COMMAND
Y
N
44h
CONVERT
TEMPERATURE
?
PARASITE
POWER
?
N
Y
DS18B20 BEGINS
CONVERSION
DEVICE
CONVERTING
TEMPERATURE
?
N
Y
MASTER
RX “0s”
MASTER
RX “1s”
MASTER ENABLES
STRONG PULLUP ON DQ
DS18B20 CONVERTS
TEMPERATURE
MASTER DISABLES
STRONG PULLUP
Y
N
48h
COPY
SCRATCHPAD
?
PARASITE
POWER
?
N
Y
MASTER ENABLES
STRONG PULL-UP ON DQ
DATA COPIED FROM
SCRATCHPAD TO EEPROM
MASTER DISABLES
STRONG PULLUP
MASTER
RX “0s”
COPY IN
PROGRESS
?
Y
MASTER
RX “1s”
N
RETURN TO INITIALIZATION
SEQUENCE (FIGURE 11) FOR
NEXT TRANSACTION
B4h
READ
POWER SUPPLY
?
Y
N
PARASITE
POWERED
?
N
MASTER
RX “1s”
MASTER
RX “0s”
Y
MASTER TX TH BYTE
TO SCRATCHPAD
Y
N
4Eh
WRITE
SCRATCHPAD
?
MASTER TX TL BYTE
TO SCRATCHPAD
MASTER TX CONFIG. BYTE
TO SCRATCHPAD
Y
N
Y
BEh
READ
SCRATCHPAD
?
HAVE 8 BYTES
BEEN READ
?
N
MASTER
TX RESET
?
MASTER RX DATA BYTE
FROM SCRATCHPAD
N
Y
MASTER RX SCRATCHPAD
CRC BYTE
MASTER
RX “1s”
Y
N
B8h
RECALL E
2
?
MASTER BEGINS DATA
RECALL FROM E
2 PROM
DEVICE
BUSY RECALLING
DATA
?
N
Y
MASTER
RX “0s”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com