Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z+.. Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS18B20Z+..
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20Z+.. Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS18B20Z+.. Datasheet HTML 14Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 15Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 16Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 17Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 18Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 19Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 20Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 21Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DS18B20
19 of 22
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground ..................................................................-0.5V to +6.0V
Operating Temperature Range .......................................................................................-55
°C to +125°C
Storage Temperature Range...........................................................................................-55
°C to +125°C
Solder Temperature .....................................................Refer to the IPC/JEDEC J-STD-020 Specification.
These are stress ratings only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
Local Power
+3.0
+5.5
V
1
Pullup Supply
Voltage
VPU
Parasite Power
+3.0
+5.5
V
1,2
Local Power
+3.0
VDD
Thermometer
Error
tERR
-10°C to +85°C
±0.5
°C
3
-55°C to +125°C
±2
Input Logic-Low
VIL
-0.3
+0.8
V
1,4,5
Input Logic-High
VIH
Local Power
+2.2
The lower of
5.5
or
VDD + 0.3
V
1, 6
Parasite Power
+3.0
Sink Current
IL
VI/O = 0.4V
4.0
mA
1
Standby Current
IDDS
750
1000
nA
7,8
Active Current
IDD
VDD = 5V
1
1.5
mA
9
DQ Input Current
IDQ
5
µA
10
Drift
±0.2
°C
11
NOTES:
1) All voltages are referenced to ground.
2) The Pullup Supply Voltage specification assumes that the pullup device is ideal, and therefore the
high level of the pullup is equal to VPU. In order to meet the VIH spec of the DS18B20, the actual
supply rail for the strong pullup transistor must include margin for the voltage drop across the
transistor when it is turned on; thus: VPU_ACTUAL = VPU_IDEAL + VTRANSISTOR.
3) See typical performance curve in Figure 17.
4) Logic-low voltages are specified at a sink current of 4mA.
5) To guarantee a presence pulse under low voltage parasite power conditions, VILMAX may have to be
reduced to as low as 0.5V.
6) Logic-high voltages are specified at a source current of 1mA.
7) Standby current specified up to +70
°C. Standby current typically is 3µA at +125°C.
8) To minimize IDDS, DQ should be within the following ranges: GND ≤ DQ ≤ GND + 0.3V or
VDD – 0.3V ≤ DQ ≤ VDD.
9) Active current refers to supply current during active temperature conversions or EEPROM writes.
10) DQ line is high (“high-Z” state).
11) Drift data is based on a 1000-hour stress test at +125°C with VDD = 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com