Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z+.. Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS18B20Z+..
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20Z+.. Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS18B20Z+.. Datasheet HTML 12Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 13Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 14Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 15Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 16Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 17Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 18Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 19Page - Maxim Integrated Products DS18B20Z+.. Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DS18B20
16 of 22
The DS18B20 samples the 1-Wire bus during a window that lasts from 15
µs to 60µs after the master
initiates the write time slot. If the bus is high during the sampling window, a 1 is written to the DS18B20.
If the line is low, a 0 is written to the DS18B20.
Figure 14. Read/Write Time Slot Timing Diagram
READ TIME SLOTS
The DS18B20 can only transmit data to the master when the master issues read time slots. Therefore, the
master must generate read time slots immediately after issuing a Read Scratchpad [BEh] or Read Power
Supply [B4h] command, so that the DS18B20 can provide the requested data. In addition, the master can
generate read time slots after issuing Convert T [44h] or Recall E
2 [B8h] commands to find out the status
of the operation as explained in the DS18B20 Function Commands section.
All read time slots must be a minimum of 60
µs in duration with a minimum of a 1µs recovery time
between slots. A read time slot is initiated by the master device pulling the 1-Wire bus low for a
minimum of 1
µs and then releasing the bus (see Figure 14). After the master initiates the read time slot,
the DS18B20 will begin transmitting a 1 or 0 on bus. The DS18B20 transmits a 1 by leaving the bus high
and transmits a 0 by pulling the bus low. When transmitting a 0, the DS18B20 will release the bus by the
end of the time slot, and the bus will be pulled back to its high idle state by the pullup resister. Output
45
µs
15
µs
VPU
GND
1-WIRE BUS
60
µs < T
X “0” < 120µ s
1
µs < T
REC <
∞
DS18B20 Samples
MIN
TYP
MAX
15
µs
30
µs
> 1
µs
MASTER WRITE “0” SLOT
MASTER WRITE “1” SLOT
VPU
GND
1-WIRE BUS
15
µs
MASTER READ “0” SLOT
MASTER READ “1” SLOT
Master samples
Master samples
START
OF SLOT
START
OF SLOT
> 1
µs
1
µs < T
REC <
∞
15
µs
15
µs
30
µs
15
µs
DS18B20 Samples
MIN
TYP
MAX
LINE TYPE LEGEND
Bus master pulling low
DS18B20 pulling low
Resistor pullup
> 1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com