Electronic Components Datasheet Search
  English  ▼

X  

AP43776Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP43776Q
Description  AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776Q Datasheet(HTML) 4 Page - Diodes Incorporated

  AP43776Q Datasheet HTML 1Page - Diodes Incorporated AP43776Q Datasheet HTML 2Page - Diodes Incorporated AP43776Q Datasheet HTML 3Page - Diodes Incorporated AP43776Q Datasheet HTML 4Page - Diodes Incorporated AP43776Q Datasheet HTML 5Page - Diodes Incorporated AP43776Q Datasheet HTML 6Page - Diodes Incorporated AP43776Q Datasheet HTML 7Page - Diodes Incorporated AP43776Q Datasheet HTML 8Page - Diodes Incorporated AP43776Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP43776Q
Document number: DS43207 Rev. 2 - 2
4 of 13
www.diodes.com
November 2022
© Diodes Incorporated
AP43776Q
Typical Applications Circuit (continued)
Application 3: Alternate Mode and BC 1.2 CDP Mode Support
The AP43776Q not only supports power protocol decoding, but also provides data link capability. Figure 4 illustrates an AP43776Q application
scenario of power source and data link.
One of the ports is used as a Type-C connector, which is connected to the Notebook host or smart phone device. The power from Down Facing
Port (DFP) is sourced out to the Notebook/device, and the video data from Up Facing Port (UFP) is linked to the car navigation system through the
AP43776Q supporting alternative mode. During the handshake, the AP43776Q decodes the alternative mode information of the Notebook
host’s
or device’s CC commands, and then the information is sent to the high-speed mux to switch the data path accordingly.
The other ports may be used as a Type-A connector supporting BC 1.2 CDP mode, where not only power is sourced out for the device, but also
data may be linked to the car navigator at the same time.
Figure 4. The AP43776Q supports DP alternative mode and BC 1.2 CDP mode for data link during power sourcing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com