Electronic Components Datasheet Search
  English  ▼

X  

AP43776Q Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP43776Q
Description  AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776Q Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP43776Q Datasheet HTML 5Page - Diodes Incorporated AP43776Q Datasheet HTML 6Page - Diodes Incorporated AP43776Q Datasheet HTML 7Page - Diodes Incorporated AP43776Q Datasheet HTML 8Page - Diodes Incorporated AP43776Q Datasheet HTML 9Page - Diodes Incorporated AP43776Q Datasheet HTML 10Page - Diodes Incorporated AP43776Q Datasheet HTML 11Page - Diodes Incorporated AP43776Q Datasheet HTML 12Page - Diodes Incorporated AP43776Q Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP43776Q
Document number: DS43207 Rev. 2 - 2
10 of 13
www.diodes.com
November 2022
© Diodes Incorporated
AP43776Q
Electrical Characteristics (-40°C < TA< +125°C , VCC = 5V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC PIN & INTERNAL BIAS SECTION
VCC_OP
VCC Operation Range
—
3
—
5.5
V
VCC_POR
VCC Power-on Reset Voltage
—
2.0
—
3.1
V
VCC_POR HYS
VCC Power-on Hysteresis
—
—
0.1
—
V
ISM
Sleep Mode Current
VCC = 5V @ sleep mode
150
—
1200
μA
ICC_OP
Operating Supply Current
—
1.1
—
3.0
mA
IS_SCL
Sink Current of SCL for impedance check
VSCL = 1V
760
840
920
μA
V2V
Internal Reference Voltage
2.046±5%
1.944
2.046
2.148
V
CLK12M
Internal Clock Frequency
12MHz±10%
10.8
12
13.2
MHz
CC1/CC2 PIN SECTION
VOH_open
Pull High Voltage of CCx
—
3.4
3.6
3.8
V
Irp_330
Source Current of CCx
RD = 5.1KΩ
305
330
355
μA
VSW_TxDC
Voltage Swing of CCx for BMC Tx
RD = 5.1KΩ
1.05
1.125
1.2
V
VSW_TxDCL
Low Voltage Swing of CCx for BMC Tx
RD = 5.1KΩ
0
--
75
mV
RVCONN
Rds_on of internal Vconn switch
15
Ω
DN/DP PIN SECTION
VDP_APP
DP Apple mode output voltage
—
2.52
2.8
3.08
V
VDN_APP
DN Apple mode output voltage
—
2.52
2.8
3.08
V
DP_DWM20K
DP 20K pull down resistor
—
18
20
22
kΩ
DN_DWM20K
DN 20K pull down resistor
—
18
20
22
kΩ
DP_DWM900K
DP 900K pull down resistor
—
600
—
1400
kΩ
DN_DWM900K
DN 900K pull down resistor
—
600
—
1400
kΩ
RDPDN_short
DPDN short resistor
—
5
20
40
Ω
RDN_IMP
Impedance check of DN for attach function
—
100
—
350
Ω
DIGITAL I/O PIN SECTION (DP/DN/GPIO1~GPIO8)
VOH
Logic Output High Level Voltage
Source Current 4mA
VCC-0.2
—
—
V
VOL
Logic Output Low Level Voltage
Sink Current 4mA
—
—
200
mV
IS_OTP
Source Current for OTP Pins (GPIO3 and GPIO4)
—
126
140
154
μA
ADC SECTION
VADC_REF
ADC Reference Voltage
—
—
2.046
—
V
VOFFSET
ADC Offset Voltage
—
—
±4.0
—
mV
PROTECTION SECTION
VDP_OVP
VABCVDP_OVP
VDP_OVP
4.1
4.35
4.6
V
VDN_OVP
VDN_OVP
VDN_OVP
4.1
4.35
4.6
V
IVCONN_OCP
VCONN Overcurrent Protection
—
32
48
56
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com