Electronic Components Datasheet Search
  English  ▼

X  

AP43776Q Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP43776Q
Description  AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776Q Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP43776Q Datasheet HTML 5Page - Diodes Incorporated AP43776Q Datasheet HTML 6Page - Diodes Incorporated AP43776Q Datasheet HTML 7Page - Diodes Incorporated AP43776Q Datasheet HTML 8Page - Diodes Incorporated AP43776Q Datasheet HTML 9Page - Diodes Incorporated AP43776Q Datasheet HTML 10Page - Diodes Incorporated AP43776Q Datasheet HTML 11Page - Diodes Incorporated AP43776Q Datasheet HTML 12Page - Diodes Incorporated AP43776Q Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP43776Q
Document number: DS43207 Rev. 2 - 2
9 of 13
www.diodes.com
November 2022
© Diodes Incorporated
AP43776Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN4040-20 (SWP) (Type A1)
W-QFN4040-20 (SWP)
(Type A1)
Dim
Min
Max
Typ
A
0.70
0.80
0.75
A1
0.00
0.05
0.02
A3
0.203 REF
b
0.20
0.30
0.25
D
4.00 BSC
D2
1.95
2.05
2.00
E
4.00 BSC
E2
1.95
2.05
2.00
e
0.50 BSC
k
0.20
--
--
L
0.30
0.50
0.40
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN4040-20 (SWP) (Type A1)
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
0.750
X2
2.000
X3
3.850
Y
0.750
Y1
0.300
Y2
2.000
Y3
3.850
Mechanical Data
Moisture Sensitivity: Level 1 per JESD22-A113
Terminals: Finish
– Matte Tin Plated Leads, Solderable per JESD22-B102
Weight: 0.0408 grams (Approximate)
A
A1
A3
C 0 .3 5 x 4 5 °
k
b
L
L
e
D2
E2
D
E
0 .0 5 R E F
T E R M I N A L C R O S S S E C T I O N
0 .2 0 3 R E F
0 .1 0 0 R E F
D E T A I L A
D E T A I L A
C
Y3
X3
Y1
X1
Y2
X2
X
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com