Electronic Components Datasheet Search
  English  ▼

X  

AP43776Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP43776Q
Description  AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP43776Q Datasheet HTML 1Page - Diodes Incorporated AP43776Q Datasheet HTML 2Page - Diodes Incorporated AP43776Q Datasheet HTML 3Page - Diodes Incorporated AP43776Q Datasheet HTML 4Page - Diodes Incorporated AP43776Q Datasheet HTML 5Page - Diodes Incorporated AP43776Q Datasheet HTML 6Page - Diodes Incorporated AP43776Q Datasheet HTML 7Page - Diodes Incorporated AP43776Q Datasheet HTML 8Page - Diodes Incorporated AP43776Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP43776Q
Document number: DS43207 Rev. 2 - 2
1 of 13
www.diodes.com
November 2022
© Diodes Incorporated
AP43776Q
AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
Description
The
DIODES™ AP43776Q is a highly integrated, dual-channel, USB
Type-C®, PD3.1 / PPS, BC 1.2 and QC protocol decoder. It passes
certification of USB Type-C power delivery specification Rev 3.1 with
PPS and Quick Charge
TM QC5 protocol.
The device can support the full range of PPS APDO (augmented
power data object) from 3.3V to 21V with 20mV/step voltage
resolution and up to 6A current with 50mA/step resolution for power
management. To enable output current beyond 3A, the AP43776Q
supports e-Marker cable detection with built-in VCONN switch with
30mA driving capability and over-current protection (OCP). Cable-
loss compensations are also embedded.
During the power charging, AP43776Q can support Display Port
Alternate Mode by decoding out the CC signal and deliver the
routing signal to the mux switch through I2C interface, Meanwhile,
the AP43776Q also supports BC1.2 CDP handshaking.
The AP43776Q provides an embedded MCU and built-in ADC
converters for voltage and temperature measurement, where over-
temperature protection (OTP) and other specific functions can be
implemented through I2C pins and rich GPIO pins. Working in
conjunction with two I2C-equipped Buck-Boost controllers or
converters which have PD3.1 PPS output circuitry, the AP43776Q
serves as the I2C master and supports two independent PD3.1 PPS
charging applications without using additional output enable MOS
chips for each PD3.1 output port.
With built-in firmware, the AP43776Q can support various smart
power-management functions such as power-sharing scheme
between two attached USB Type-C PD devices, low-battery power
de-rating, thermal power de-rating, LED light indication, etc. Two
AP43776Q devices can also be interconnected through a UART
(GPIO) pin to implement smart power-sharing scheme for all four
connected USB Type-C ports attached to a fixed power source.
Features
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: -40°C to +125°C TA Range
Device HBM ESD Classification Level H3A
Device CDM ESD Classification Level C5
Dual-channel independent USB Type-C PD3.1/PPS decoder
USB-IF PD3.1/PPS certificated TID: 6206
Quick Charge
™ QC5 certificated No.: QC20211008263
PD3.1/ full range of PPS VOUT (3.3V to 21V)
Compliant with BC1.2 DCP mode for QC2.0/3.0/4/4+/5
Type-C PD Display Port Alternative mode
BC 1.2 CDP (Charging Downstream Port) mode for Charging
Downstream device and allow data transfer
Built-in ADC and multi-channel multiplexer for voltage and
temperature measurement
e-Marker detection and VCONN 30mA capability
Cable-loss compensations
I2C Interface and Interrupt
Multi-purpose I/Os to support different applications
CC1/CC2 to VBUS short protection up to 24V
Moisture detection between DP and DN
Thermal protection through external NTC
Output power de-rating for low battery
Built-in MCU with 12KB OTP ROM for main application
program with multi-time-programmable ROM (MTP ROM)
blocks for customization
W-QFN4040-20(SWP) (4x4, 0.5mm pitch) package
Pin Assignments
(Top View)
W-QFN4040-20
Features (continued)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The AP43776Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Applications
In-vehicle multi-port USB PD3.1 charging systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP43776Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP43776 DIODES-AP43776 Datasheet
846Kb / 12P
DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
Rev. 5 - 2 September 2022
AP43776ZDZ20-13 DIODES-AP43776ZDZ20-13 Datasheet
846Kb / 12P
DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
Rev. 5 - 2 September 2022
More results

Similar Description - AP43776Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
logo
VITALCONN ELECTRONICS H...
UC41D3XLXXX VITALCONN-UC41D3XLXXX Datasheet
290Kb / 2P
TYPE C USB
logo
NXP Semiconductors
PTN5100D NXP-PTN5100D Datasheet
931Kb / 37P
USB Type-C power delivery PHY and protocol IC
Rev. 1-2 August 2016
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
logo
Diodes Incorporated
AP43776 DIODES-AP43776 Datasheet
846Kb / 12P
DUAL-CHANNEL USB TYPE-C PD3.1/PPS/QC5 PROTOCOL DECODER
Rev. 5 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com