Electronic Components Datasheet Search
  English  ▼

X  

AP43776Q Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP43776Q
Description  AUTOMOTIVE-GRADE DUAL-CHANNEL USB TYPE-C PROTOCOL DECODER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43776Q Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP43776Q Datasheet HTML 4Page - Diodes Incorporated AP43776Q Datasheet HTML 5Page - Diodes Incorporated AP43776Q Datasheet HTML 6Page - Diodes Incorporated AP43776Q Datasheet HTML 7Page - Diodes Incorporated AP43776Q Datasheet HTML 8Page - Diodes Incorporated AP43776Q Datasheet HTML 9Page - Diodes Incorporated AP43776Q Datasheet HTML 10Page - Diodes Incorporated AP43776Q Datasheet HTML 11Page - Diodes Incorporated AP43776Q Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP43776Q
Document number: DS43207 Rev. 2 - 2
8 of 13
www.diodes.com
November 2022
© Diodes Incorporated
AP43776Q
Functional Overview (continued)
MCU and OTP/MTP ROM
The AP43776Q has an MCU subsystem, which integrates an 8-bit 8051 processor, SRAM, and OTP ROM. The MCU subsystem is optimized for
user configurability of different topologies, support of different protocols, and low-power consumption at a low cost. With the embedded hardware
PHY transceivers offloading MCU processing, the AP43776Q can handle two channels of PD handshakes efficiently through an MCU
simultaneously, and be compliant with critical USB Power Delivery specifications.
An OTP ROM is provided to store PD, QC, and FCP protocol firmware, and an MTP ROM is provided for user configuration table. Either in-system
programming or offline socket programming are provided for the OTP ROM and MTP ROM.
ADC
The AP43776Q contains a 10-bit SAR (successive approximation register) ADC and multi-channel multiplexer for analog to digital conversions. All
GPIO inputs can be connected to the internal analog multiplex busses through a switch. With the ADC voltage reference, VREF, being set at 2V,
any input voltage, Vin, on the GPIO can be digitized into a 10-bit digital code proportional to Vin/VREF. The sampling rate of ADC is 100KHz, but
the firmware re-samples the ADC output by 1ms/time, and some longer de-glitch time is used to qualify the ADC output code. Meanwhile, ADC is
used to detect and monitor analog signals on the non-GPIO pins like CC1/CC2/VCONN and DP/DN, and then come out the associated OVP
protections.
GPIO Support
There are many GPIO pins that can be used to support customization features, like low-voltage battery, power de-rating, thermal power de-rating,
LED light indication, fault status, and so on. The GPIO pin can also be used for UART communication to support four USB Type-C ports, and
some GPIOs support current sources for external NTC temperature detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com