Electronic Components Datasheet Search
  English  ▼

X  

APL431L Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL431L
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431L Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL431L Datasheet HTML 7Page - Anpec Electronics Coropration APL431L Datasheet HTML 8Page - Anpec Electronics Coropration APL431L Datasheet HTML 9Page - Anpec Electronics Coropration APL431L Datasheet HTML 10Page - Anpec Electronics Coropration APL431L Datasheet HTML 11Page - Anpec Electronics Coropration APL431L Datasheet HTML 12Page - Anpec Electronics Coropration APL431L Datasheet HTML 13Page - Anpec Electronics Coropration APL431L Datasheet HTML 14Page - Anpec Electronics Coropration APL431L Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Mar., 2005
APL431L
www.anpec.com.tw
13
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Reliability Test Program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C, 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @125
°C
PCT
JESD-22-B,A102
168 Hrs, 100
%RH, 121°C
TST
MIL-STD-883D-1011.9
-65
°C~150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms, 1tr > 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com