Electronic Components Datasheet Search
  English  ▼

X  

APL431L Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL431L
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431L Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL431L Datasheet HTML 2Page - Anpec Electronics Coropration APL431L Datasheet HTML 3Page - Anpec Electronics Coropration APL431L Datasheet HTML 4Page - Anpec Electronics Coropration APL431L Datasheet HTML 5Page - Anpec Electronics Coropration APL431L Datasheet HTML 6Page - Anpec Electronics Coropration APL431L Datasheet HTML 7Page - Anpec Electronics Coropration APL431L Datasheet HTML 8Page - Anpec Electronics Coropration APL431L Datasheet HTML 9Page - Anpec Electronics Coropration APL431L Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Mar., 2005
APL431L
www.anpec.com.tw
6
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
0S
µ
0
1V
0
5S
µ
3V
0S
µ
5S
µ
0
1V
0
3V
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-50
-25
0
25
50
75
100
125
150
Typical Characteristics
Input
Junction Temperature (
°C)
Junction Temperature (
°C)
Off State Cathode Current vs.
Junction Temperature
∆V
REF/∆VKA vs. Junction Temperature
V
REF =0V
V
KA =16V
V
KA =6V
I
KA =1mA
Output
Input
Output
T
A =25°C
I
KA =0.1mA
T
A =25°C
∆V
KA=VREF to 20V
I
KA=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com