Electronic Components Datasheet Search
  English  ▼

X  

APL431L Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL431L
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431L Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL431L Datasheet HTML 1Page - Anpec Electronics Coropration APL431L Datasheet HTML 2Page - Anpec Electronics Coropration APL431L Datasheet HTML 3Page - Anpec Electronics Coropration APL431L Datasheet HTML 4Page - Anpec Electronics Coropration APL431L Datasheet HTML 5Page - Anpec Electronics Coropration APL431L Datasheet HTML 6Page - Anpec Electronics Coropration APL431L Datasheet HTML 7Page - Anpec Electronics Coropration APL431L Datasheet HTML 8Page - Anpec Electronics Coropration APL431L Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Mar., 2005
APL431L
www.anpec.com.tw
3
Electrical Characteristics T
A= 25°C ( unless otherwise noted)
APL431L
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
APL431LA 1.234
1.240
1.246
VKA=VREF, IK=10mA
TA =25
°C, (Fig. 1)
APL431LB 1.228
1.240
1.252
APL431LA 1.222
1.240
1.258
VREF
Reference voltage
TA =full range(see
Note1), (Fig.1)
APL431LB 1.215
1.240
1.265
V
VDEF
VDEF Temp Deviation
TA =full range (see Note1)
VKA=VREF, IK=10mA (Fig. 1)
5
15
mV
∆V
REF /
∆V
KA
Ratio of Change in VREF
to Change in Cathods
Votage
IK=10mA, VKA=16V to VREF (Fig.
2)
-0.2
-1.0
mV/V
IREF
Reference Input Current IK=10mA,R1 =10k
Ω,R
2 =
∞ (Fig. 2)
0.15
0.5
µA
IREF(DEV)
IREF Temp Deviation
TK=full range (see Note 1),
R1=10k
Ω, R
2=
∞, I
K=10mA,
(Fig. 2)
0.05
0.3
µA
VK=6V
0.01
0.1
IK(off)
off-state cathode current VREF=0V, (Fig. 3)
VK=16V
0.01
0.5
µA
ZKA
Dynamic Output
Impedance
VKA=VREF , IK=1mA to 100mA,
f
≤1kHz (Fig. 1)
0.1
0.4
Ω
IK(MIN)
Minimum Operating
Current
VKA=VREF (Fig. 1)
80
100
µA
Notes : 1.Full temperature range is 0
°C to 70°C for APL431LXXC,and -40°C to 85°C for APL431LXXl.
Test Figures
Figure 1. Test Circuit for V
KA=VREF , VO=VKA=VREF
Figure 2. Test Circuit for V
KA>VREF,
Figure 3. Test Circuit for I
K(off)
VIN
Vo
IK
VREF
Vo
VIN
IK(off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com