Electronic Components Datasheet Search
  English  ▼

X  

APL431L Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL431L
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431L Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL431L Datasheet HTML 1Page - Anpec Electronics Coropration APL431L Datasheet HTML 2Page - Anpec Electronics Coropration APL431L Datasheet HTML 3Page - Anpec Electronics Coropration APL431L Datasheet HTML 4Page - Anpec Electronics Coropration APL431L Datasheet HTML 5Page - Anpec Electronics Coropration APL431L Datasheet HTML 6Page - Anpec Electronics Coropration APL431L Datasheet HTML 7Page - Anpec Electronics Coropration APL431L Datasheet HTML 8Page - Anpec Electronics Coropration APL431L Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Mar., 2005
APL431L
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VKA
Cathode voltage
20
V
IK
Continuous cathode current range
100
mA
IREF
Reference current range
3
mA
θ
JA
Thermal Resistance from Junction to Ambient in Free Air
SOT-23-3
SOT-23-5
SOT-89
TO-92
416
357
250
250
°C/W
T J
Operating Junction Temperature Range
-40 to 150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
TSOL
Lead temperature range, Ts (Soldering, 10sec)
260
°C
Ordering and Marking Information
APL 43 1 L
Ele c . G ra d e
H and ling C o d e
T e m p . R a nge
P a c k ag e C o de
Ele c . G ra d e
A : 0 .5 % R e fe re n c e V o lta g e T o le ra n c e
B : 1 % R e fe re nce V o ltage T o le ranc e
P a c k ag e C o de
A : S O T -2 3 -3
B : S O T -2 3 -5
D : S O T -8 9
E : T O -9 2
Y :C h ip F o rm
T e m p . R a nge
C : 0 to 7 0
C
I : -4 0 to 8 5
C
H and ling C o d e
P B : P la s tic B a g
T B : T a p e & B o x
T R : T a p e & R e e l
Le ad F re e C ode
L : Le ad F re e D e vice
B lan k : O rig in al D e vice
°
°
AP L
43 1L
XXXXX
XXXXX - D a te C o d e
A P L 431 L E :
A P L 431 L D :
A P L 431 L
XXXXX
- Da te Co d e
XXXXX
A P L 431 L A /B :
43 1L
Le ad F re e C ode
Absolute Maximum Ratings
Notes: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for
MSL classification at lead-free peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com