Electronic Components Datasheet Search
  English  ▼

X  

APL431L Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL431L
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431L Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL431L Datasheet HTML 1Page - Anpec Electronics Coropration APL431L Datasheet HTML 2Page - Anpec Electronics Coropration APL431L Datasheet HTML 3Page - Anpec Electronics Coropration APL431L Datasheet HTML 4Page - Anpec Electronics Coropration APL431L Datasheet HTML 5Page - Anpec Electronics Coropration APL431L Datasheet HTML 6Page - Anpec Electronics Coropration APL431L Datasheet HTML 7Page - Anpec Electronics Coropration APL431L Datasheet HTML 8Page - Anpec Electronics Coropration APL431L Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Mar., 2005
APL431L
www.anpec.com.tw
4
Test Figures (Cont.)
Figure 2. Test Circuit for V
KA>VREF,
V
O= VKA= VREF× (1+R1/R2) + IREF × R1
VIN
IK
IREF
VREF
R1
R2
Vo
Application Schematic
V o
VIN
0.1
µ F
R 2
R 1
VREF
R B
Precision Voltage Reference
V o
V IN
0.1
µ F
RB
VREF
R2
R1
Precision High-Current Series Regulator
Notes for Application Circuits:
1) To improve the stability of output voltage, a 0.1
µF
capacitor between cathode and anode of
APL431L is strongly recommended.
2)Set VOUT according to the following equation:
VOUT = VREF(1+R1/R2)+lREF R1
3)Choose the value for RB as follows:
A)The maximum limit for RB should be such that
the cathode current(lK) is greater than the mini
mum operating current (80
µA) at VIN(MIN).
B)The minimum limit for RB should be such that
the cathode current (lK) does not exceed 100mA
under all load conditions, and the instantaneous
turnon value for lk does not exceed 150mA. Both
of the following conditions must. be met:
VIN(MAX)
150mA
VIN(MAX)-VOUT
lOUT(MIN)+100mA
(to limit instantaneous turn-on lK)
RB,Min
≥
(to limit lK under normal operating conditions)
RB,Min
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com