Electronic Components Datasheet Search
  English  ▼

X  

ADC12QJ1600ALREP Datasheet(PDF) 70 Page - Texas Instruments

Part # ADC12QJ1600ALREP
Description  ADC12QJ1600-EP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12QJ1600ALREP Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADC12QJ1600ALREP Datasheet HTML 66Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 67Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 68Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 69Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 70Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 71Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 72Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 73Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 148 page
background image
Table 8-14. JESD204C Initial Lane Alignment Sequence Parameters
PARAMETER
DESCRIPTION
USER CONFIGURED
OR DERIVED
VALUE
ADJCNT
LMFC adjustment amount (not applicable)
Derived
Always 0
ADJDIR
LMFC adjustment direction (not applicable)
Derived
Always 0
BID
Bank ID
Derived
Always 0
CF
Number of control words per frame
Derived
Always 0
CS
Control bits per sample
Derived
Always set to 0 in ILAS, see Table 8-15 for
actual usage
DID
Device identifier, used to identify the link
User configured
Set by DID, see Table 8-16
F
Number of octets (bytes) per frame (per lane) Derived
See Table 8-15
HD
High-density format (samples split between
lanes)
Derived
Always 0
JESDV
JESD204 standard revision
Derived
Always 1
K
Number of frames per multiframe
User configured
Set by the KM1 register
L
Number of serial output lanes per link
Derived
See Table 8-15
LID
Lane identifier for each lane
Derived
See Table 8-16
M
Number of converters used to determine lane
bit packing; may not match number of ADC
channels in the device
Derived
See Table 8-15
N
Sample resolution (before adding control and
tail bits)
Derived
See Table 8-15
N'
Bits per sample after adding control and tail
bits
Derived
See Table 8-15
S
Number of samples per converter (M) per
frame
Derived
See Table 8-15
SCR
Scrambler enabled
User configured
Set by SCR
SUBCLASSV
Device subclass version
Derived
Always 1
RES1
Reserved field 1
Derived
Always 0
RES2
Reserved field 2
Derived
Always 0
CHKSUM
Checksum for ILAS checking (sum of all
above parameters modulo 256)
Derived
Computed based on parameters in this table
ADC12QJ1600-EP
SBASAJ4A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC12QJ1600-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com