Electronic Components Datasheet Search
  English  ▼

X  

ADC12QJ1600ALREP Datasheet(PDF) 92 Page - Texas Instruments

Part # ADC12QJ1600ALREP
Description  ADC12QJ1600-EP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12QJ1600ALREP Datasheet(HTML) 92 Page - Texas Instruments

Back Button ADC12QJ1600ALREP Datasheet HTML 88Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 89Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 90Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 91Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 92Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 93Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 94Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 95Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
Table 8-54. SPI_Register_Map Access Type Codes
(continued)
Access Type
Code
Description
Reset or Default Value
-n
Value after reset or the default
value
Register Array Variables
i,j,k,l,m,n
When these variables are used in
a register name, an offset, or an
address, they refer to the value of
a register array where the register
is part of a group of repeating
registers. The register groups
form a hierarchical structure and
the array is represented with a
formula.
y
When this variable is used in a
register name, an offset, or an
address it refers to the value of
a register array.
8.5.7.1 CONFIG_A Register (Address = 0x0) [reset = 0x30]
CONFIG_A is shown in Figure 8-18 and described in Table 8-55.
Return to the Table 8-53.
Configuration A (default: 0x30)
Figure 8-18. CONFIG_A Register
7
6
5
4
3
2
1
0
SOFT_RESET
RESERVED
ASCEND
SDO_ACTIVE
RESERVED
R/W-0x0
R/W-0x0
R/W-0x1
R-0x1
R/W-0x0
Table 8-55. CONFIG_A Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SOFT_RESET
R/W
0x0
Setting this bit causes a full reset of the chip and all SPI registers
(including CONFIG_A). This bit is self-clearing. After writing this bit,
the part may take up to 750ns to reset. During this time, do not
perform any SPI transactions.
6
RESERVED
R/W
0x0
Must write default value.
5
ASCEND
R/W
0x1
0 : Address is decremented during streaming reads/writes
1 : Address is incremented during streaming reads/writes (default)
4
SDO_ACTIVE
R
0x1
Always returns 1. Always use SDO for SPI reads.
No SDIO mode supported.
3:0
RESERVED
R/W
0x0
8.5.7.2 DEVICE_CONFIG Register (Address = 0x2) [reset = 0x00]
DEVICE_CONFIG is shown in Figure 8-19 and described in Table 8-56.
Return to the Table 8-53.
Device Configuration (default: 0x00)
Figure 8-19. DEVICE_CONFIG Register
7
6
5
4
3
2
1
0
RESERVED
MODE
ADC12QJ1600-EP
SBASAJ4A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC12QJ1600-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com