Electronic Components Datasheet Search
  English  ▼

X  

ADC12QJ1600ALREP Datasheet(PDF) 76 Page - Texas Instruments

Part # ADC12QJ1600ALREP
Description  ADC12QJ1600-EP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12QJ1600ALREP Datasheet(HTML) 76 Page - Texas Instruments

Back Button ADC12QJ1600ALREP Datasheet HTML 72Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 73Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 74Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 75Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 76Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 77Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 78Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 79Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
Table 8-32. JMODE 14 (12-bit, 8/4/2 lanes, 64B/66B) (continued)
OCTET
0
1
2
NIBBLE
0
1
2
3
4
5
D1
A1
A3
D2
B0
B2
D3
B1
B3
D4
C0
C2
D5
C1
C3
D6
D0
D2
D7
D1
D3
Table 8-33. JMODE 15 (12-bit, Dual/Single channel only, 8/4 lanes, 64B/66B)
OCTET
0
1
2
NIBBLE
0
1
2
3
4
5
D0
A0
A4
D1
A1
A5
D2
A2
A6
D3
A3
A7
D4
B0
B4
D5
B1
B5
D6
B2
B6
D7
B3
B7
8.4.2.2 64B or 66B Sync Header Stream Configuration
The sync header stream can be used to identify bit errors on the link or to correct bit errors. Two modes of
operation are available in ADC12QJ1600-EP. Cyclic redundancy checking (CRC) can be used to identify bit
errors. ADC12QJ1600-EP only supports 12-bit CRC (CRC-12) and does not support the optional 3-bit CRC-3
described by JESD204C. Alternatively, forward error correction (FEC) can be used to identify bit errors and then
correct bit errors. For information on CRC-12, see Cyclic Redundancy Check (CRC) Mode. For information on
FEC, see Forward Error Correction (FEC) Mode.
8.4.2.3 Redundant Data Mode (Alternate Lanes)
JMODEs that use four or less lanes allow the use of redundancy on the JESD204C output. For instance, a
system may have two FPGAs or ASICs connected to a single device, if the FPGA or ASIC is deemed the weak
point in system reliability. In this example system, only one FPGA or ASIC operates at a time with the redundant
FPGA or ASIC only being enabled if a fault is detected in the default FPGA or ASIC. To use this mode, the lower
four SerDes lanes (D3-D0) must be routed to a single FPGA or ASIC and the upper four SerDes lanes (D7-D4)
routed to the redundant FPGA or ASIC. The lower four lanes are the "default" lanes and the upper four lanes are
the "alternate" lanes. The desired lanes are chosen by setting ALT_LANES parameter to 0 for the default lanes
or 1 for the alternate lanes. Only one set of SerDes outputs can be operated at a time.
8.4.3 Power-Down Modes
The PD input pin allows the device devices to be entirely powered down. Power-down can also be controlled
by MODE. The serial data output drivers are disabled when PD is high. When the device returns to normal
operation, the JESD204 link must be re-established and the ADC pipelines contain meaningless information so
the system must wait a sufficient time for the data to be flushed. The register configuration and calibration data
is maintained during power down. A calibration cycle (foreground or background calibration) may be needed to
return to optimal performance if the temperature changes drastically during the duration of power down. Pairs
of channels can also be powered down using the CH_EN register. Do not use CH_EN to power down all four
channels, use MODE or the PD pin instead.
ADC12QJ1600-EP
SBASAJ4A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
76
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC12QJ1600-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com