Electronic Components Datasheet Search
  English  ▼

X  

ADC12QJ1600ALREP Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC12QJ1600ALREP
Description  ADC12QJ1600-EP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12QJ1600ALREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC12QJ1600ALREP Datasheet HTML 18Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 19Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 20Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 21Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 22Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 23Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 24Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 25Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
7.9 Typical Characteristics
Typical values at 25°C, AIN = -1 dBFS, FIN = 347 MHz, FS = 1600 MSPS, High power mode, FG calibration, JMODE 0,
C-PLL off, C-PLLREF = 50 MHz and VA11Q and VCLK11 noise suppression on when C-PLL on, Quad Channel operation,
nominal supply voltages, unless otherwise noted. SNR results exclude DC and HD2 to HD9; SINAD, ENOB, and SFDR
results exclude DC.
Output Code
0
4096
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
D121
Figure 7-1. DNL vs Code
Output Code
0
4096
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D122
Figure 7-2. INL vs Code
Input Frequency (MHz)
0
1000
2000
3000
4000
5000
6000
-2
-1
0
1
2
ch A
ch B
ch C
ch D
Relative to 0Hz
Figure 7-3. Input Fullscale vs Frequency
Output Frequency (MHz)
0
100
200
300
400
500
600
700
800
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D022
High power mode
Figure 7-4. Single Tone FFT at 347 MHz and -1 dBFS
Output Frequency (MHz)
0
100
200
300
400
500
600
700
800
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D062
High power mode, C-PLL on
Figure 7-5. Single Tone FFT at 347 MHz and -1 dBFS
Output Frequency (MHz)
0
100
200
300
400
500
600
700
800
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D113
High power mode, C-PLL on, Noise suppression off
Figure 7-6. Single Tone FFT at 347 MHz and -1 dBFS
ADC12QJ1600-EP
SBASAJ4A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC12QJ1600-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com