Electronic Components Datasheet Search
  English  ▼

X  

ADC12QJ1600ALREP Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC12QJ1600ALREP
Description  ADC12QJ1600-EP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12QJ1600ALREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12QJ1600ALREP Datasheet HTML 4Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 5Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 6Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 7Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 8Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 9Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 10Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 11Page - Texas Instruments ADC12QJ1600ALREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage range
VA19(2)
–0.3
2.35
V
VPLL19(3)
–0.3
2.35
VREFO(2)
–0.3
2.35
VTRIG(5)
–0.3
2.35
VA11(2)
–0.3
1.32(11)
VD11(5)
–0.3
1.32(11)
Voltage difference between any 1.9 V supply (VA19,
VPLL19 or VREFO)
–0.5
0.5
Voltage between AGND, DGND, PGND and SE_GND
–0.1
0.1
V
Pin voltage range
D[7:0]+, D[7:0]–, TMSTP+, TMSTP–(5)
–0.5 VD11 + 0.5(7)
V
CLK+, CLK–, SYSREF+, SYSREF–(2)
–0.5
VA11 + 0.5(6)
SE_CLK(4)
–0.5
VA19 + 0.5(8)
PLLREFO+, PLLREFO–(2)
–0.5
VREFO +
0.5(9)
TRIGOUT+,TRIGOUT–(5)
–0.5
VTRIG +
0.5(10)
BG, TDIODE+, TDIODE–(2)
–0.5
VA19 + 0.5(8)
INA+, INA–, INB+, INB–, INC+, INC–, IND+, IND–(2)
VA11
– 1.0
VA11
+ 1.0
CALSTAT, CALTRIG, CLKCFG0, CLKCFG1,
PLL_EN, PLLREF_SE, ORA, ORB, ORC, ORD, PD,
SCLK, SCS, SDI, SDO, SYNCSE (2)
–0.5
VA19 + 0.5(8)
Peak input current (any input except INA+, INA–, INB+, INB–, INC+, INC–, IND+, IND–)
–25
25
mA
Peak input current (INA+, INA–, INB+, INB–, INC+, INC–, IND+, IND–)
–50
50
mA
Peak RF input power (INA+, INA–, INB+, INB–, INC+,
INC–, IND+, IND–)
Single-ended with ZS-SE = 50 Ω
16.4
dBm
Peak total input current (sum of absolute value of all currents forced in or out, not including power-supply
current)
100
mA
Operating junction temperature, Tj
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Measured to AGND.
(3)
Measured to PGND.
(4)
Measured to SE_GND.
(5)
Measured to DGND.
(6)
Maximum voltage not to exceed VA11 absolute maximum rating.
(7)
Maximum voltage not to exceed VD11 absolute maximum rating.
(8)
Maximum voltage not to exceed VA19 absolute maximum rating.
(9)
Maximum voltage not to exceed VREFO absolute maximum rating.
(10) Maximum voltage not to exceed VTRIG absolute maximum rating.
(11) The 1.1-V supplies (VA11, VD11) must not be more than 0.5 V above any of the 1.9-V supplies (VA19, VPLL19, VREFO) or VTRIG
(1.1 V or 1.9 V) during power up, normal operation or power down. See Power Sequencing section.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
4000
V
Charged-device model (CDM), per AEC Q100-011
750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
ADC12QJ1600-EP
SBASAJ4A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC12QJ1600-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com