Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1501
Description  150KHZ, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1501 Datasheet HTML 1Page - Diodes Incorporated AP1501 Datasheet HTML 2Page - Diodes Incorporated AP1501 Datasheet HTML 3Page - Diodes Incorporated AP1501 Datasheet HTML 4Page - Diodes Incorporated AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP1501
Document number: DS31014 Rev. 14 - 2
5 of 13
www.diodes.com
March 2021
© Diodes Incorporated
AP1501
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 24V for the 12V version. ILOAD = 0.5A
Specifications with
boldface type are for full operating temperature range, the other type are for TJ = +25ºC.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IFB
Feedback Bias Current
VFB = 1.3V
(Adjustable Version Only) (Note 4)
—
40
60
nA
100
FOSC
Oscillator Frequency
—
127
150
173
kHz
110
—
173
VSAT
Saturation Voltage
IOUT = 3A
No Outside Circuit
VFB = 0V Force Driver On
—
1.3
1.4
V
1.5
DC
Max. Duty Cycle (ON)
VFB = 0V Force Driver On
—
100
—
%
Min. Duty Cycle (OFF)
VFB = 12V Force Driver Off
—
0
—
ICL
Current Limit
Peak Current
No Outside Circuit
VFB = 0V Force Driver On
3.6
4.0
5.5
A
6.5
IL
Output = 0
Output
Leakage
Current
—
—
200
200
µ
A
Output = -1
—
2
60
60
mA
IQ
Quiescent Current
VFB = 12V Force Driver Off
—
5
10
mA
ISTBY
Standby Quiescent
Current
ON/OFF Pin = 5V
VIN = 40V
—
150
250
µ
A
350
VIL
ON/OFF Pin Logic Input
Threshold Voltage
Low (Regulator ON)
—
1.3
0.6
V
VIH
High (Regulator OFF)
2.0
—
IH
ON/OFF Pin Logic
Input Current
VLOGIC = 2.5V (OFF)
—
15
25
µ
A
IL
ON/OFF Pin Input Current
VLOGIC = 0.5V (ON)
—
0.02
5
θJA
Thermal Resistance
Junction to Ambient
TO263-5 (Note 5)
—
37
—
°C/W
TO220-5 (Note 5)
—
31
—
θJC
Thermal Resistance Junction
to Case
TO263-5 (Note 5)
—
6
—
°C/W
TO220-5 (Note 5)
—
5
—
Notes:
4. Feedback pin removed from output and connected to 0V to force the output transistor switch ON. Feedback pin removed from output and connected to
12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force the output transistor switch OFF.
5. Test condition: Device mounted with copper area of approximately 3 in2,1oz, no air flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com