Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1501
Description  150KHZ, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated AP1501 Datasheet HTML 10Page - Diodes Incorporated AP1501 Datasheet HTML 11Page - Diodes Incorporated AP1501 Datasheet HTML 12Page - Diodes Incorporated AP1501 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP1501
Document number: DS31014 Rev. 14 - 2
9 of 13
www.diodes.com
March 2021
© Diodes Incorporated
AP1501
Operation Description
Pin Functions
+VIN
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be present at this pin to minimize voltage
transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (+VIN – VSAT) and approximately – 0.5V, with a duty cycle of approximately VOUT / VIN.
To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be kept a minimum.
Feedback
Senses the regulated output voltage to complete the feedback loop.
ON/OFF
Allows the switching regulator circuit to be shut down using logic level signals, thus dropping the total input supply current to approximately 150μA.
Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a maximum of 40V)
shuts the regulator down. If this shutdown feature is not needed, the ON/OFF pin can be wired to the ground pin, or it can be left open. In either
case the regulator will be in the ON condition.
Thermal Considerations
The AP1501 is available in the 5-pin surface mount TO-263 and TO-220.
Under most conditions, the TO-220 package requires a heat sink. The size of the heat sink depends on the input voltage, the output voltage, the
load current, and the ambient temperature. The AP1501 junction temperature rises above ambient temperature for a 3A load and different input
and output voltages. The data for these curves was taken with the AP1501 (TO-220 package) operating as a buck switching regulator in an
ambient temperature of 25°C (still air). These temperature rise numbers are all approximate and there are many factors that can affect these
temperatures. Higher ambient temperatures require more heat sinking.
The TO-263 surface mount package tab is designed to be soldered to the copper on a printed circuit board. The copper and the board are the heat
sink for this package and the other heat producing components, such as the catch diode and inductor. The PC board copper area that the
package is soldered to should be at least 0.4 in2, and ideally should have 2 or more square inches of 2 oz. Additional copper area improves the
thermal characteristics, but with copper areas greater than approximately 6 in2, only small improvements in heat dissipation are realized. If further
thermal improvements are needed, double-sided multilayer PC boards with large copper areas and/or airflow are recommended.
The AP1501 (TO-263 package) junction temperature rises above ambient temperature with a 2A load for various input and output voltages. This
data was taken with the circuit operating as a buck switching regulator with all components mounted on a PC board to simulate the junction
temperature under actual operating conditions. This curve can be used for a quick check for the approximate junction temperature for various
conditions, but be aware that there are many factors that can affect the junction temperature. When load currents higher than 2A are used, double-
sided or multilayer PC boards with large copper areas and/or airflow might be needed, especially for high ambient temperatures and high output
voltages.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board layout.
(One exception to this is the output (switch) pin, which should not have large areas of copper.) Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise numbers are all approximate, and there are many factors that will affect these numbers.
Some of these factors include board size, shape, thickness, position, location, and even board temperature. Other factors are trace width, total
printed circuit copper area, copper thickness, the board being single or double-sided, the board being multilayered, and the amount of solder on
the board. The effectiveness of the PC board to dissipate heat also depends on the size, quantity, and spacing of other components on the board,
as well as whether the surrounding air is still or moving.
Furthermore, some of these components such as the catch diode will add heat to the PC board, and the heat can vary as the input voltage
changes. For the inductor, depending on the physical size, type of core material, and the DC resistance, it could either add heat to the board or act
as a heat sink taking heat away from the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com